Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555DX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NE555DX
Description  Single Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NE555DX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NE555DX Datasheet HTML 1Page - Fairchild Semiconductor NE555DX Datasheet HTML 2Page - Fairchild Semiconductor NE555DX Datasheet HTML 3Page - Fairchild Semiconductor NE555DX Datasheet HTML 4Page - Fairchild Semiconductor NE555DX Datasheet HTML 5Page - Fairchild Semiconductor NE555DX Datasheet HTML 6Page - Fairchild Semiconductor NE555DX Datasheet HTML 7Page - Fairchild Semiconductor NE555DX Datasheet HTML 8Page - Fairchild Semiconductor NE555DX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM555 Rev. 1.1.0
3
Electrical Characteristics
Values are at TA = 25°C, VCC = 5 ~ 15 V unless otherwise specified.
Notes:
1. When the output is high, the supply current is typically 1 mA less than at VCC = 5 V.
2. Tested at VCC = 5.0 V and VCC = 15 V.
3. These parameters, although guaranteed, are not 100% tested in production.
4.
This determines the maximum value of RA + RB for 15 V operation, the maximum total R = 20 MΩ, and for 5 V
operation, the maximum total R = 6.7 M
Ω.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
4.5
16.0
V
Supply Current (Low Stable) (1)
ICC
VCC = 5 V, RL = ∞
36
mA
VCC = 15 V, RL = ∞
7.5
15.0
mA
Timing Error (Monostable)
Initial Accuracy (2)
ACCUR
RA = 1 kΩ to100 kΩ
C = 0.1
μF
1.0
3.0
%
Drift with Temperature (3)
Δt / ΔT50
ppm / °C
Drift with Supply Voltage (3)
Δt / ΔVCC
0.1
0.5
% / V
Timing Error (Astable)
InItial Accuracy (2)
ACCUR
RA = 1 kΩ to 100kΩ
C = 0.1
μF
2.25
%
Drift with Temperature (3)
Δt / ΔT
150
ppm / °C
Drift with Supply Voltage (3)
Δt / ΔVCC
0.3
% / V
Control Voltage
VC
VCC = 15 V
9.0
10.0
11.0
V
VCC = 5 V
2.60
3.33
4.00
V
Threshold Voltage
VTH
VCC = 15 V
10.0
V
VCC = 5V
3.33
V
Threshold Current (4)
ITH
0.10
0.25
μA
Trigger Voltage
VTR
VCC = 5 V
1.101.672.20
V
VCC = 15 V
4.5
5.0
5.6
V
Trigger Current
ITR
VTR = 0 V
0.01
2.00
μA
Reset Voltage
VRST
0.4
0.7
1.0
V
Reset Current
IRST
0.1
0.4
mA
Low Output Voltage
VOL
VCC = 15 V
ISINK = 10 mA
0.06
0.25
V
ISINK = 50 mA
0.30
0.75
V
VCC = 5 V, ISINK = 5 mA
0.05
0.35
V
High Output Voltage
VOH
VCC = 15 V
ISOURCE = 200 mA
12.5
V
ISOURCE = 100 mA
12.75
13.30
V
VCC = 5 V, ISOURCE = 100 mA
2.75
3.30
V
Rise Time of Output(3)
tR
100
ns
Fall Time of Output(3)
tF
100
ns
Discharge Leakage Current
ILKG
20
100
nA


Similar Part No. - NE555DX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE555D PHILIPS-NE555D Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Texas Instruments
NE555D TI1-NE555D Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
Fairchild Semiconductor
NE555D FAIRCHILD-NE555D Datasheet
150Kb / 14P
   Single Timer
logo
Texas Instruments
NE555D TI1-NE555D Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
logo
NEC
NE555D NEC-NE555D Datasheet
26Kb / 1P
   PRECISION TIMERS
More results

Similar Description - NE555DX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com