Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4828G-TL Datasheet(PDF) 2 Page - Rohm

Part # BD4828G-TL
Description  Standard CMOS Voltage Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4828G-TL Datasheet(HTML) 2 Page - Rohm

  BD4828G-TL Datasheet HTML 1Page - Rohm BD4828G-TL Datasheet HTML 2Page - Rohm BD4828G-TL Datasheet HTML 3Page - Rohm BD4828G-TL Datasheet HTML 4Page - Rohm BD4828G-TL Datasheet HTML 5Page - Rohm BD4828G-TL Datasheet HTML 6Page - Rohm BD4828G-TL Datasheet HTML 7Page - Rohm BD4828G-TL Datasheet HTML 8Page - Rohm BD4828G-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Datasheet
2/15
BD48xxx series
BD49xxx series
TSZ02201-0R7R0G300030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.008
www.rohm.com
TSZ22111
15
001
Connection Diagram
SSOP5
VSOF5
Pin Descriptions
SSOP5
VSOF5
PIN No.
Symbol
Function
PIN No.
Symbol
Function
1
VOUT
Reset Output
1
VOUT
Reset Output
2
VDD
Power Supply Voltage
2
SUB
Substrate*
3
GND
GND
3
N.C.
Unconnected Terminal
4
N.C.
Unconnected Terminal
4
GND
GND
5
N.C.
Unconnected Terminal
5
VDD
Power Supply Voltage
*Connect the substrate to GND.
SSOP3(1pin GND)
SSOP3(3pin GND)
Pin Descriptions
SSOP3-1
SSOP3-2
PIN No.
Symbol
Function
PIN No.
Symbol
Function
1
GND
GND
1
VOUT
Reset Output
2
VOUT
Reset Output
2
VDD
Power Supply Voltage
3
VDD
Power Supply Voltage
3
GND
GND
Ordering Information
Note: When ordering new SSOP5, select “E” for Package 1 and “G” for Package 2.
Lot. No
TOP VIEW
VOUT
SUB N.C
VDD
GND
4
3
2
1
5
Marking
Lot. No
TOP VIEW
VOUT
VDD
GND
N.C.
N.C.
Marking
1
2
3
2
GND
VOUT
VDD
Marking
Lot. No
TOP VIEW
1
2
3
VOUT
VDD
GND
Marking
Lot. No
TOP VIEW
Part
Output
Type
Package1
Reset
Voltage
Value
Package2
Packaging
and
Number
48
:
Open
Drain
23
:
2.3V
forming
specification
49
:
CMOS
0.1V
step
Embossed
tape
and
reel
60
:
6.0V
TR
:The
pin
number
1is
the
upper
right
:SSOP5
:VSOF5
TL
:The
pin
number
1is
Package1
Package2
Package
name
the
upper
left
E
G
SSOP5
:SSOP3-1
K
G
SSOP3(1pin
GND)
:SSOP3-2
L
G
SSOP3(3pin
GND)
Blank
FVE
VSOF5
Blank
G
SSOP5
R
x
x
x
x
B
D
x
x
-
T


Similar Part No. - BD4828G-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4828G-TL ROHM-BD4828G-TL Datasheet
509Kb / 19P
   Standard CMOS Voltage Detector IC
BD4828G-TL ROHM-BD4828G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4828G-TL ROHM-BD4828G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4828G-TL ROHM-BD4828G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
BD4828G-TL ROHM-BD4828G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD4828G-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com