Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4224G-TR Datasheet(PDF) 7 Page - Rohm

Part # BU4224G-TR
Description  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4224G-TR Datasheet(HTML) 7 Page - Rohm

Back Button BU4224G-TR Datasheet HTML 3Page - Rohm BU4224G-TR Datasheet HTML 4Page - Rohm BU4224G-TR Datasheet HTML 5Page - Rohm BU4224G-TR Datasheet HTML 6Page - Rohm BU4224G-TR Datasheet HTML 7Page - Rohm BU4224G-TR Datasheet HTML 8Page - Rohm BU4224G-TR Datasheet HTML 9Page - Rohm BU4224G-TR Datasheet HTML 10Page - Rohm BU4224G-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Datasheet
7/13
BU42xx series
BU43xx series
TSZ02201-0R7R0G300050-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
03.Feb.2014 Rev.008
www.rohm.com
TSZ22111・15・001
●Typical Performance Curves
Fig.3 Circuit Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
6
7
VDD SUPPLY VOLTAGE
:VDD[V]
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE
: VDS[V]
VDD=1.2V
【BU4216F】
Fig.4 “LOW” Output Current
0
5
10
15
20
25
0
1
2
3
4
5
6
DRAIN-SOURCE VOLTAGE
: VDS[V]
【BU4318G】
VDD=6.0V
VDD=4.8V
Fig.5 “High” Output Current
Fig.6 I/O Characteristics
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
VDD SUPPLY VOLTAGE
:VDD[V]
【BU4216F】
【BU4216】
【BU4316】
【BU4318】
【BU4216】
【BU4316】
【BU4216】
【BU4316】


Similar Part No. - BU4224G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4224G-TR ROHM-BU4224G-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4224G-TR ROHM-BU4224G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BU4224G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4227F-TR ROHM-BU4227F-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4248 ROHM-BU4248_13 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XXG ROHM-BU42XXG_09 Datasheet
369Kb / 12P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com