Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG540_2015 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG540_2015
Description  NPN 9 GHz wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG540_2015 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG540_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2000 May 23
4
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFG540; BFG540/X;
BFG540/XR
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. GUM is the maximum unilateral power gain, assuming s12 is zero and
2. VCE = 8 V; IC = 40 mA; RL =50 Ω; Tamb =25 °C;
fp = 900 MHz; fq = 902 MHz;
measured at f(2p − q) = 898 MHz and f(2q − p) = 904 MHz.
3. dim = −60 dB (DIN 45004B); IC = 40 mA; VCE = 8 V; ZL =ZS =75 Ω; Tamb =25 °C;
Vp =VO; Vq =VO −6 dB; Vr =VO −6 dB;
fp = 795.25 MHz; fq = 803.25 MHz; fr = 805.25 MHz;
measured at f(p+q − r) = 793.25 MHz.
4. IC = 40 mA; VCE = 8 V; VO = 275 mV; Tamb =25 °C;
fp = 250 MHz; fq = 560 MHz; measured at f(p + q) = 810 MHz.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =8V
−−
50
nA
hFE
DC current gain
IC = 40 mA; VCE = 8 V
60
120
250
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
2
pF
Cc
collector capacitance
IE =ie = 0; VCB =8V; f=1MHz
0.9
pF
Cre
feedback capacitance
IC = 0; VCB = 8 V; f = 1 MHz
0.5
pF
fT
transition frequency
IC = 40 mA; VCE = 8 V; f = 1 GHz;
Tamb =25 °C
9
GHz
GUM
maximum unilateral power gain
(note 1)
IC = 40 mA; VCE = 8 V; f = 900 MHz;
Tamb =25 °C
18
dB
IC = 40 mA; VCE = 8 V; f = 2 GHz;
Tamb =25 °C
11
dB
insertion power gain
IC = 40 mA; VCE = 8 V; f = 900 MHz;
Tamb =25 °C
15
16
dB
F
noise figure
Γ
s = Γopt; IC = 10 mA; VCE =8V;
f = 900 MHz; Tamb =25 °C
1.3
1.8
dB
Γ
s = Γopt; IC = 40 mA; VCE =8V;
f = 900 MHz; Tamb =25 °C
1.9
2.4
dB
Γ
s = Γopt; IC = 10 mA; VCE =8V;
f = 2 GHz; Tamb =25 °C
2.1
dB
PL1
output power at 1 dB gain
compression
IC = 40 mA; VCE =8V; RL =50 Ω;
f = 900 MHz; Tamb =25 °C
21
dBm
ITO
third order intercept point
note 2
34
dBm
VO
output voltage
note 3
500
mV
d2
second order intermodulation
distortion
note 4
−−50
dB
s
21
2
G
UM
10
s
21
2
1s
11
2
() 1s
22
2
()
-------------------------------------------------------- dB.
log
=


Similar Part No. - BFG540_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG540-X NXP-BFG540-X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
SHIKUES Electronics
BFG540-X SKTECHNOLGY-BFG540-X Datasheet
556Kb / 4P
   NPN SILICON RF TRANSISTOR
logo
NXP Semiconductors
BFG540-XR NXP-BFG540-XR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
SHIKUES Electronics
BFG540-XR SKTECHNOLGY-BFG540-XR Datasheet
556Kb / 4P
   NPN SILICON RF TRANSISTOR
logo
NXP Semiconductors
BFG540/X PHILIPS-BFG540/X Datasheet
132Kb / 16P
   NPN 9 GHz wideband transistor
2000 May 23
More results

Similar Description - BFG540_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFR505T_2015 JMNIC-BFR505T_2015 Datasheet
116Kb / 16P
   NPN 9 GHz wideband transistor
BFS505_2015 JMNIC-BFS505_2015 Datasheet
95Kb / 12P
   NPN 9 GHz wideband transistor
BFG540W JMNIC-BFG540W_15 Datasheet
136Kb / 16P
   NPN 9 GHz wideband transistor
BFS520 JMNIC-BFS520_15 Datasheet
95Kb / 11P
   NPN 9 GHz wideband transistor
logo
NXP Semiconductors
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
   NPN 9 GHz wideband transistor
2000 May 30
BFR540 PHILIPS-BFR540 Datasheet
101Kb / 16P
   NPN 9 GHz wideband transistor
1999 Aug 23
BFR505 PHILIPS-BFR505 Datasheet
120Kb / 12P
   NPN 9 GHz wideband transistor
September 1995
BFR520T PHILIPS-BFR520T Datasheet
147Kb / 12P
   NPN 9 GHz wideband transistor
1999 Oct 18
BFS540 PHILIPS-BFS540 Datasheet
115Kb / 11P
   NPN 9 GHz wideband transistor
November 1992
logo
Quanzhou Jinmei Electro...
BFR520_2015 JMNIC-BFR520_2015 Datasheet
109Kb / 12P
   NPN 9 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com