Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ67_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFQ67_2015
Description  NPN 8 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFQ67_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFQ67_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1998 Aug 27
3
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFQ67
THERMAL CHARACTERISTICS
Note
1.
Ts is the temperature at the soldering point of the collector lead.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
note 1
260
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =5V
−−
50
nA
hFE
DC current gain
IC = 15 mA; VCE = 5 V
60
100
Cc
collector capacitance
IE =ie = 0; VCB = 8 V; f = 1 MHz
0.7
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
1.3
pF
Cre
feedback capacitance
IC = 0; VCB = 8 V; f = 1 MHz
0.5
pF
fT
transition frequency
IC = 15 mA; VCE =8V
8
GHz
GUM
maximum unilateral power gain
(note 1)
IC = 15 mA; VCE =8V;
Tamb =25 °C; f = 1 GHz
14
dB
IC = 15 mA; VCE =8V; f=2GHz
8
dB
F
noise figure
Γ
s = Γopt; IC = 5 mA; VCE =8V;
Tamb =25 °C; f = 1 GHz
1.3
dB
Γ
s = Γopt; IC = 15 mA; VCE =8V;
Tamb =25 °C; f = 1 GHz
1.7
dB
Γs = Γopt; IC = 5 mA; VCE =8V;
Tamb =25 °C; f = 2 GHz
2.2
dB
IC = 5 mA; VCE =8V;
Tamb =25 °C; f = 2 GHz; Zs =60 Ω
2.5
dB
Γ
s = Γopt; IC = 15 mA; VCE =8V;
Tamb =25 °C; f = 2 GHz
2.7
dB
IC = 15 mA; VCE =8V;
Tamb =25 °C; f = 2 GHz; Zs =60 Ω
3
dB
G
UM
10 log
S
21
2
1
S
11
2


1
S
22
2


-------------------------------------------------------------- dB
=


Similar Part No. - BFQ67_2015

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
BFQ67R VISHAY-BFQ67R Datasheet
185Kb / 12P
   Silicon NPN Planar RF Transistor
Rev. 3, 20-Jan-99
BFQ67R VISHAY-BFQ67R Datasheet
281Kb / 12P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
logo
NXP Semiconductors
BFQ67T PHILIPS-BFQ67T Datasheet
92Kb / 12P
   NPN 8 GHz wideband transistor
2000 Mar 06
BFQ67W PHILIPS-BFQ67W Datasheet
101Kb / 10P
   NPN 8 GHz wideband transistor
September 1995
More results

Similar Description - BFQ67_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG65 PHILIPS-BFG65 Datasheet
476Kb / 9P
   NPN 8 GHz wideband transistor
November 1992
BFQ67T PHILIPS-BFQ67T Datasheet
92Kb / 12P
   NPN 8 GHz wideband transistor
2000 Mar 06
BFQ67W PHILIPS-BFQ67W Datasheet
101Kb / 10P
   NPN 8 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFG198 JMNIC-BFG198_15 Datasheet
83Kb / 12P
   NPN 8 GHz wideband transistor
logo
NXP Semiconductors
BFG198 PHILIPS-BFG198 Datasheet
95Kb / 12P
   NPN 8 GHz wideband transistor
1995 Sep 12
BFQ67 PHILIPS-BFQ67 Datasheet
103Kb / 12P
   NPN 8 GHz wideband transistor
1998 Aug 27
logo
Quanzhou Jinmei Electro...
BFQ67W JMNIC-BFQ67W_15 Datasheet
85Kb / 10P
   NPN 8 GHz wideband transistor
logo
NXP Semiconductors
BFG67W PHILIPS-BFG67W Datasheet
102Kb / 16P
   NPN 8 GHz wideband transistor
August 1995
logo
Quanzhou Jinmei Electro...
BFG198_2015 JMNIC-BFG198_2015 Datasheet
83Kb / 12P
   NPN 8 GHz wideband transistor
BFQ67 JMNIC-BFQ67_15 Datasheet
91Kb / 12P
   NPN 8 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com