Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS17W_2015 Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFS17W_2015
Description  NPN 1 GHz wideband transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFS17W_2015 Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFS17W_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1995 Sep 04
6
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFS17W
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - BFS17W_2015

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS17W INFINEON-BFS17W_07 Datasheet
70Kb / 7P
   NPN Silicon RF Transistor
2007-03-30
BFS17W INFINEON-BFS17W_11 Datasheet
519Kb / 7P
   NPN Silicon RF Transistor
2011-07-20
logo
Quanzhou Jinmei Electro...
BFS17W JMNIC-BFS17W_15 Datasheet
40Kb / 6P
   NPN 1 GHz wideband transistor
More results

Similar Description - BFS17W_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFS17W JMNIC-BFS17W_15 Datasheet
40Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BF747 PHILIPS-BF747 Datasheet
96Kb / 11P
   NPN 1 GHz wideband transistor
September 1995
BFQ17 PHILIPS-BFQ17 Datasheet
35Kb / 6P
   NPN 1 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFS17 JMNIC-BFS17_15 Datasheet
39Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BF547W PHILIPS-BF547W Datasheet
83Kb / 12P
   NPN 1 GHz wideband transistor
June 1994
BFS17 PHILIPS-BFS17 Datasheet
37Kb / 6P
   NPN 1 GHz wideband transistor
September 1995
BFS17W PHILIPS-BFS17W Datasheet
46Kb / 6P
   NPN 1 GHz wideband transistor
1995 Sep 04
logo
Quanzhou Jinmei Electro...
BFS17_2015 JMNIC-BFS17_2015 Datasheet
39Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BF547 PHILIPS-BF547 Datasheet
96Kb / 11P
   NPN 1 GHz wideband transistor
September 1995
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com