Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT87C5112 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT87C5112
Description  Hardware Watchdog Timer with Reset-out
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5112 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT87C5112_14 Datasheet HTML 3Page - ATMEL Corporation AT87C5112_14 Datasheet HTML 4Page - ATMEL Corporation AT87C5112_14 Datasheet HTML 5Page - ATMEL Corporation AT87C5112_14 Datasheet HTML 6Page - ATMEL Corporation AT87C5112_14 Datasheet HTML 7Page - ATMEL Corporation AT87C5112_14 Datasheet HTML 8Page - ATMEL Corporation AT87C5112_14 Datasheet HTML 9Page - ATMEL Corporation AT87C5112_14 Datasheet HTML 10Page - ATMEL Corporation AT87C5112_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
7
AT8xC5112
4191C–8051–02/08
I/O
AIN4 (P4.4): A/D converter input 4
MISO: Master IN, Slave OUT of the SPI controller
I/O
AIN5 (P4.5): A/D converter input 5
MOSI: Master OUT, Slave IN of the SPI controller
I/O
AIN6 (P4.6): A/D converter input 6
SPSCK: Clock I/O of the SPI controller
I/O
AIN7 (P4.7): A/D converter input 7
P0.0-P0.7
X
X
I/O
Port 0: Port 0 is an open-drain, bi-directional I/O port. Port 0 pins that have 1s written to them float and can be
used as high impedance inputs. Port 0 is also the multiplexed low-order address and data bus during access to
external program and data memory. In this application, it uses strong internal pull-up when emitting 1s.
P2.0-P2.7
X
X
I/O
Port 2: Port 2 is an 8-bit bi-directional I/O port with internal pull-ups. Port 2 pins that have 1s written to them
are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port 2 pins that are externally
pulled low will source current because of the internal pull-ups. Port 2 emits the high-order address byte during
fetches from external program memory and during accesses to external data memory that use 16-bit
addresses (MOVX atDPTR). In this application, it uses strong internal pull-ups emitting 1s. During accesses to
external data memory that use 8-bit addresses (MOVX atRi), port 2 emits the contents of the P2 SFR.
RST
X
X
I
RST: A high on this pin for two machine cycles while the oscillator is running, resets the device. An internal
diffused resistor to V
SS permits a power-on reset using only an external capacitor to VCC. If the hardware
watchdog reaches its time-out, the reset pin becomes an output during the time the internal reset is activated.
ALE
X
X
O
Address Latch Enable: Output pulse for latching the low byte of the address during an access to external
memory. In normal operation, ALE is emitted at a constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency,
and can be used for external timing or clocking. Note that one ALE pulse is skipped during each access to
external data memory. ALE can be disabled by setting SFR’s AUXR.0 bit. With this bit set, ALE will be inactive
during internal fetches.
PSEN
X
X
O
Program Store Enable: The read strobe to external program memory. When executing code from the external
program memory, PSEN is activated twice each machine cycle, except that two PSEN activations are skipped
during each access to external data memory. PSEN is not activated during fetches from internal program
memory.
EA
X
X
I
External Access Enable: EA must be externally held low to enable the device to fetch code from external
program memory locations 0000H and 1FFFH . If EA is held high, the device executes from internal program
memory unless the program counter contains an address greater than 1FFFH. EA must be held low for
ROMless devices. If security level 1 is programmed, EA will be internally latched on Reset.
XTAL1
X
I
XTAL1 : Input to the inverting oscillator amplifier and input to the internal clock generator circuits.
XTAL2
X
O
XTAL2 : Output from the inverting oscillator amplifier.
Table 2. Pin Description (Continued)
Mnemonic
PIN NUMBER
TYPE
Name and Function
LQFP
48
PLCC
52


Similar Part No. - AT87C5112_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112 Datasheet
1Mb / 97P
   8-bit Microcontroller with A/D Converter
AT87C5112 ATMEL-AT87C5112 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
More results

Similar Description - AT87C5112_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT43USB320A ATMEL-AT43USB320A Datasheet
36Kb / 2P
   Missed Watchdog Timer Reset
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com