Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD11JS Datasheet(PDF) 5 Page - NEC

Part # RD11JS
Description  DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD11JS Datasheet(HTML) 5 Page - NEC

  RD11JS Datasheet HTML 1Page - NEC RD11JS Datasheet HTML 2Page - NEC RD11JS Datasheet HTML 3Page - NEC RD11JS Datasheet HTML 4Page - NEC RD11JS Datasheet HTML 5Page - NEC RD11JS Datasheet HTML 6Page - NEC RD11JS Datasheet HTML 7Page - NEC RD11JS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RD4.7JS to RD39JS
5
Data Sheet D13937EJ5V0DS00
Fig. 5 P-TA Rating
Fig. 6
γ z-Vz CHARACTERISTICS
Fig. 7 Rth-S CHARACTERISTICS
Fig. 8 en-Vz CHARACTERISTICS
Fig. 9 SURGE REVERSE POWER RATINGS
3 mm, t = 0.035 mm
(leaf copper)
0
20
40
60
80
100
Ambient Temperature TA (
°C)
120 140 160 180 200
500
400
300
200
100
= 5 mm
φ
0
20
406080
100
Size of P.C Board S (mm
2)
Junction to ambient
= 10 mm
= 5 mm
600
500
400
300
200
100
S
2
3
4
5
10
20
30
40 50
Zener Voltage VZ (V)
100
50
40
30
20
10
TA = 25
°C
f = 10 to 500 kHz
TYP.
4
8
12
16
20
24
28
32
36
40
Zener Voltage VZ (V)
0.10
0.08
0.06
0.04
0.02
0
–0.02
50
40
30
20
10
0
TYP.
mV/
°C
%/
°C
1000
100
10
1
1
10
100
1 m
10 m
100 m
tT
− Pulse Width − s
µµ
µ
TA = 25
°C
Non Repetitive
tT


Similar Part No. - RD11JS

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD11JS EIC-RD11JS Datasheet
66Kb / 3P
   SILICON ZENER DIODES
RD11JSAB EIC-RD11JSAB Datasheet
39Kb / 3P
   SILICON ZENER DIODES
RD11JSAB1 EIC-RD11JSAB1 Datasheet
39Kb / 3P
   SILICON ZENER DIODES
RD11JSAB2 EIC-RD11JSAB2 Datasheet
39Kb / 3P
   SILICON ZENER DIODES
RD11JSAB3 EIC-RD11JSAB3 Datasheet
39Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - RD11JS

ManufacturerPart #DatasheetDescription
logo
NEC
RD39ES NEC-RD39ES Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD39UJ NEC-RD39UJ Datasheet
41Kb / 8P
   LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Tak Cheong Electronics ...
TCMZ2V0 TAK_CHEONG-TCMZ2V0 Datasheet
172Kb / 5P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MTZJ2V0 YEASHIN-MTZJ2V0 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCMTZJ2V0 TAK_CHEONG-TCMTZJ2V0 Datasheet
174Kb / 6P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MZ2V0 YEASHIN-MZ2V0 Datasheet
494Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
   400 mW low voltage avalanche low noise silicon zener diodes
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
Continental Device Indi...
DO-34 CDIL-DO-34 Datasheet
121Kb / 5P
   DO-34 Axial Glass Package
logo
Knox Semiconductor, Inc
LVA43A KNOX-LVA43A Datasheet
42Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com