Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRH30020L Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBRH30020L
Description  Low VF Silicon Power Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBRH30020L Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBRH30020L Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBRH30020L Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBRH30020L Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 20 V
IF(AV) = 300 A
Features
• High Surge Capability
D-67 Package
• Type 20 V VRRM
• Not ESD Sensitive
Parameter
MBRH30020(R)L
Unit
20
V
14
V
20
V
MBRH30020(R)L
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Conditions
Symbol
VRRM
VRMS
V
Low VF Silicon Power
Schottky Diode
Maximum DC blocking voltage
20
V
-55 to 150
°C
-55 to 150
°C
Parameter
MBRH30020(R)L
Unit
300
A
4000
A
0.58
3
200
Thermal characteristics
Maximum thermal resistance,
junction - case
0.28
°C/W
mA
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Conditions
Tstg
Symbol
Operating temperature
Storage temperature
TC = 100 °C
VDC
Tj
R
ΘJC
Average forward current
Maximum instantaneous forward voltage
Maximum instantaneous reverse
current at rated DC blocking voltage
IR
Tj = 100 °C
tp = 8.3 ms, half sine
IFSM
Peak forward surge current
IFM = 300 A, Tj = 25 °C
Tj = 25 °C
IF(AV)
VF
Maximum DC blocking voltage
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBRH30020L

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBRH30030L GENESIC-MBRH30030L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH30035L GENESIC-MBRH30035L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH30040L GENESIC-MBRH30040L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH30045L GENESIC-MBRH30045L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
logo
Sirectifier Global Corp...
MBRH300EPT SIRECT-MBRH300EPT Datasheet
132Kb / 3P
   Power Schottky Rectifier - 40Amp 60Volt
More results

Similar Description - MBRH30020L

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBRH15035L GENESIC-MBRH15035L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH15040L GENESIC-MBRH15040L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20030L GENESIC-MBRH20030L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20035L GENESIC-MBRH20035L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20040L GENESIC-MBRH20040L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH30035L GENESIC-MBRH30035L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRT60040L GENESIC-MBRT60040L Datasheet
605Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRT60045L GENESIC-MBRT60045L Datasheet
605Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRTA40020L GENESIC-MBRTA40020L Datasheet
458Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRTA60020L GENESIC-MBRTA60020L Datasheet
458Kb / 3P
   Low VF Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com