Electronic Components Datasheet Search |
|
SPB-3660WG Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd. |
|
SPB-3660WG Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd. |
1 / 6 page Optoway SPB-3660WG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 V3.0 1 SPB-3660WG / SPB-3660BWG / SPB-3660AWG (SC BIDI SFP) (RoHS Compliant) SPB-3660LWG / SPB-3660BLWG / SPB-3660ALWG (LC BIDI SFP) 1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver ********************************************************************************************************************************************************************** FEATURES l 1-Fiber Bi-Directional SFP Optical Transceiver l Compliant with IEEE 802.3ah-2004 100BASE-BX l Simplex SC Connector: SPB-3660WG l Simplex LC Connector: SPB-3660LWG l SFF-8472 Digital Diagnostic Function l 1310 nm LD Transmitter l 1550 nm Receiver l Distance Up to 60 km l AC/AC Coupling according to MSA l Single +3.3 V Power Supply l RoHS Compliant l 0 to 70oC Operating : SPB-3660WG l -10 to 85oC Operating : SPB-3660BWG l -40 to 85oC Operating : SPB-3660AWG l Class 1 Laser International Safety Standard IEC 60825 Compliant APPLICATIONS l WDM Fast Ethernet Links l SONET/SDH Equipment Interconnect l Fibre Channel Links DESCRIPTION The SPB-3660WG series is small form factor pluggable module for IEEE 802.3ah 100BASE-BX and OC-3/STM-1 SONET/SDH single fiber communications by using 1310 nm transmitter and 1550 nm receiver. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I 2C. The transmitter section uses a multiple quantum well 1310 nm laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section uses an integrated 1550 nm detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. LASER SAFETY This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug. ORDER INFORMATION P/No. Bit Rate (Mb/s) Distance (km) TX (nm) RX (nm) Package Temp ( oC) TX Power (dBm) RX Sens. (dBm) RoHS Compliant SPB-3660WG 125/155 60 1310 1550 SC SFP with DMI 0 to 70 0 to -5 -34 Yes SPB-3660BWG 125/155 60 1310 1550 SC SFP with DMI -10 to 85 0 to -5 -34 Yes SPB-3660AWG 125/155 60 1310 1550 SC SFP with DMI -40 to 85 0 to -5 -34 Yes SPB-3660LWG 125/155 60 1310 1550 LC SFP with DMI 0 to 70 0 to -5 -34 Yes SPB-3660BLWG 125/155 60 1310 1550 LC SFP with DMI -10 to 85 0 to -5 -34 Yes SPB-3660ALWG 125/155 60 1310 1550 LC SFP with DMI -40 to 85 0 to -5 -34 Yes |
Similar Part No. - SPB-3660WG |
|
Similar Description - SPB-3660WG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |