Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL3276A Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # GL3276A
Description  Less changes of malfunction associated with a high-frequency lighting fluorscent lamp internal trap circuit.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL3276A Datasheet(HTML) 2 Page - Hynix Semiconductor

  GL3276A Datasheet HTML 1Page - Hynix Semiconductor GL3276A Datasheet HTML 2Page - Hynix Semiconductor GL3276A Datasheet HTML 3Page - Hynix Semiconductor GL3276A Datasheet HTML 4Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GL3276A
2
Absolute Maximum Ratings(Ta=25 ¡ É
)
SYMBOL
PARAMETER
VALUE
UNIT
VCC
Supply voltage
6.0
V
IOUT
Output Current
2.5
mA
PD
Allowable power
dissipation
270
mW
TOPR
Operating temperature
- 20 to +75
¡ É
TSTG
Storage temperature
-40 to +125
¡ É
Recommended Operating Condition
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
fIN
Input frequency
30
38
80
KHz
Electrical characteristics (VCC = 5.0V, Ta = 2.5¡ É
)
SYMBOL
PARAMETER
TESTCONDITION
MIN
TYP
MAX
UNIT
REMARK
ICC
Supply current
1.2
2.8
mA
VIN
Input voltage
IIN = 0A
IIN=-330
µA
2.0
0.6
2.5
0.8
3.1
1.7
V
AV
Voltage gain
fIN=38kHz
VIN=30 µVP-P
70
76
80
dB
FBW
BPF bandwidth
-3dB Bandwidth
VIN=30 µVP-P
2.0
2.5
3.0
KHz
rIN
Input impedance
fIN=38kHz CW
VIN=0.2 µVP-P
80
110
160
K§ Ù
note * 1
tPW1
fIN=38kHz
burstwave
VIN=500 µVP-P
440
770
µS
tPW2
Output pulse width
fIN=38kHz
burstwave
VIN=50mVP-P
440
770
µS
note * 1
VOL
Low Level
output voltage
0.2
0.4
V
VOH
Low Level
output voltage
4.8
5.0
V
Note 1 : r
IN
=
1
)
V
V
(
47
X
IN
K§ Ù
(where V
IN=input level, VX=test value)
2 : input burst
wave form
output pulse
600
µS
600
µS
38KHz Carrier


Similar Part No. - GL3276A

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GL3274 LG-GL3274 Datasheet
305Kb / 8P
   Preamplifier for Remote Control Use
logo
Hynix Semiconductor
GL3277 HYNIX-GL3277 Datasheet
31Kb / 3P
   PREAMPLIFIER FOR REMOTE CONTROL USE
More results

Similar Description - GL3276A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A8180 AITSEMI-A8180 Datasheet
794Kb / 19P
   LED LIGHTING DRIVER HIGH BRIGHTNESS LED DRIVER WITH INTERNAL SWITCH
REV3.0 - APR 2010
logo
Abracon Corporation
PAS-BC3WK ABRACON-PAS-BC3WK Datasheet
1Mb / 3P
   The majority of electronic designs have some form of timing associated with them
03.12.12
logo
Leshan Radio Company
LR4558 LRC-LR4558_12 Datasheet
255Kb / 7P
   Internal Frequency Compensation High Input Resistance with 5MTypical
logo
STMicroelectronics
AN2811 STMICROELECTRONICS-AN2811 Datasheet
1Mb / 25P
   High brightness LEDs are becoming a prominent source of lighting
logo
Texas Instruments
LM4906 TI1-LM4906 Datasheet
1Mb / 22P
[Old version datasheet]   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
ETA-USA
WMM-SX-A ETA-USA-WMM-SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
logo
National Semiconductor ...
LM4906 NSC-LM4906 Datasheet
468Kb / 15P
   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
Texas Instruments
LM4906 TI1-LM4906_14 Datasheet
1Mb / 21P
[Old version datasheet]   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
E&E Magnetic Products L...
833-00017 EEMAGNETIC-833-00017 Datasheet
464Kb / 2P
   Fully encapsulated with a frequency of 200kHz maximum
logo
Omron Electronics LLC
G32A-C OMRON-G32A-C Datasheet
282Kb / 4P
   Prevents G3PA Malfunction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com