Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRT500200R Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBRT500200R
Description  Silicon Power Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBRT500200R Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBRT500200R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBRT500200R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBRT500200R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 150 V - 200 V
IF(AV) = 500 A
Features
• High Surge Capability
Three Tower Package
• Isolation Type Package
• Electrically Isolated Base Plate
• Not ESD Sensitive
Parameter
Symbol
MBRT500150(R)
Unit
Repetitive peak reverse voltage
VRRM
150
V
RMS reverse voltage
VRMS
106
V
DC blocking voltage
VDC
150
V
Conditions
200
Silicon Power
Schottky Diode
MBRT500150 thru MBRT500200R
200
141
MBRT500200(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
• Types from 150 V to 200 V VRRM
DC blocking voltage
VDC
150
V
Operating temperature
Tj
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
°C
Parameter
Symbol
MBRT500150(R)
Unit
Average forward current (per
pkg)
IF(AV)
500
A
Maximum instantaneous forward
voltage (per leg)
0.88
1
10
50
Thermal characteristics
Thermal resistance, junction-
case (per leg)
R
ΘJC
0.30
°C/W
-55 to 150
200
1
MBRT500200(R)
0.30
Tj = 150 °C
0.92
50
500
3500
3500
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
mA
V
Tj = 25 °C
IFM = 250 A, Tj = 25 °C
Conditions
-55 to 150
TC = 125 °C
A
Tj = 100 °C
10
Maximum instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
VF
Peak forward surge current
(per leg)
IFSM
tp = 8.3 ms, half sine
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBRT500200R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBRT500200R GENESIC-MBRT500200R Datasheet
798Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBRT500200R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
   Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
   Silicon Power Schottky Diode
FST160150 GENESIC-FST160150 Datasheet
363Kb / 3P
   Silicon Power Schottky Diode
MBRF400150 GENESIC-MBRF400150 Datasheet
478Kb / 3P
   Silicon Power Schottky Diode
MBRH12020 GENESIC-MBRH12020 Datasheet
406Kb / 3P
   Silicon Power Schottky Diode
MBRH240150 GENESIC-MBRH240150 Datasheet
360Kb / 3P
   Silicon Power Schottky Diode
MBRT50020 GENESIC-MBRT50020 Datasheet
463Kb / 3P
   Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
   Silicon Power Schottky Diode
logo
America Semiconductor, ...
MBRF30045 AMERICASEMI-MBRF30045 Datasheet
995Kb / 2P
   Silicon Power Schottky Diode
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
   Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
   Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com