Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T83C5101 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T83C5101
Description  Programmable Clock Out and Up/Down Timer/Counter 2
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5101 Datasheet(HTML) 5 Page - ATMEL Corporation

  T83C5101_14 Datasheet HTML 1Page - ATMEL Corporation T83C5101_14 Datasheet HTML 2Page - ATMEL Corporation T83C5101_14 Datasheet HTML 3Page - ATMEL Corporation T83C5101_14 Datasheet HTML 4Page - ATMEL Corporation T83C5101_14 Datasheet HTML 5Page - ATMEL Corporation T83C5101_14 Datasheet HTML 6Page - ATMEL Corporation T83C5101_14 Datasheet HTML 7Page - ATMEL Corporation T83C5101_14 Datasheet HTML 8Page - ATMEL Corporation T83C5101_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
5
T8xC5101/02
4233H–8051–02/08
T8xC5101/02 Pin Configuration
Mnemonic
Pin Number
Type
Name and Function
24 pins
28
pins
VSS
12
14
I
Ground: 0V reference
VCC
24
28
I
Power Supply: This is the power supply voltage for normal, idle and power-down operation
P1.0-P1.7
13-20
15-20
22-23
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port
1 pins that are externally pulled low will source current because of the internal pull-ups. Port 1
also receives the low-order address byte during memory programming and verification.
Alternate functions for Port 1 include:
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction Control
P4.0 (Prog)-P4.1
(Test)
7
8
8
9
O (I)
O (I)
Port 4 bits 0 & 1: Except during programming and verifying, these two bits are output port driving
30 micro Amps at high level and sinking 10 mA at low level (Vol < 1V). If they have 1s written to
them, they output a high level and if they have 0 written to them, they output a low level. These 2
pins cannot be used as inputs. Users should take care to never externally drive these pins
low, especially during reset. These two pins are primarily designed to drive LEDs.
During programming and verifying, these two pins are used as input, as explained in the
corresponding chapter.
A Read or a Read/Modify/Write instruction to these bits will read the status of the output: 1 if the
output is 1, 0 if the output is 0.
P4.2-P4.5
NA
27
7
13
21
I/O
Port 4 bits 2 to 5: bidirectional I/O port with internal pull-ups. Port 4.2 to 4.5 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port
4.2 to 4.5 pins that are externally pulled low will source current because of the internal pull-ups.
P3.0-P3.7
5-1
23-21
5-1
26-24
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port
3 pins that are externally pulled low will source current because of the internal pull-ups. Port 3
also serves the special features of the 80C51 family, as listed below.
5
5
I
RxD (P3.0): Serial input port
4
4
O
TxD (P3.1): Serial output port
3
3
I
INT0 (P3.2): External interrupt 0
2
2
I
INT1 (P3.3): External interrupt 1
P4.1/Test
P3.0
RST
XTAL2
XTAL1
P3.1
1
VPP
P4.0/Prog
Vss
P1.6
P1.4
P1.5
P1.3
P1.1/T2EX
P1.0/T2
P1.2
P3.4/T0
P3.2/INT0
P3.3/INT1
Vcc
P3.5/T1
P3.6
P3.7
P1.7
DIL24
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SSOP24*
* Check for availability
SO24
P4.1/Test
P3.0
RST
XTAL2
XTAL1
P3.1
1
VPP
P4.0/Prog
Vss
P1.6
P1.4
P1.5
P1.3
P1.1/T2EX
P1.0/T2
P1.2
P3.4/T0
P3.2/INT0
P3.3/INT1
Vcc
P3.5/T1
P3.6
P3.7
P1.7
2
3
4
5
6
8
9
10
11
12
13
28
27
26
25
24
23
21
20
19
18
17
16
* Check for availability
SO28*
P4.3
7
P4.4
14
15
P4.5
P4.2
22


Similar Part No. - T83C5101_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_14 Datasheet
48Kb / 3P
   UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
More results

Similar Description - T83C5101_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C54 ATMEL-TS80C54_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
AT87C51RB2 ATMEL-AT87C51RB2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS80C51RA2 ATMEL-TS80C51RA2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS87C54 ATMEL-TS87C54_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS87C58X2 ATMEL-TS87C58X2_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
AT83C51RD2 ATMEL-AT83C51RD2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS80C58X2 ATMEL-TS80C58X2_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
AT87C51RC2 ATMEL-AT87C51RC2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
logo
National Semiconductor ...
LM2240 NSC-LM2240 Datasheet
190Kb / 10P
   Programmable Timer/Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com