Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX-8025SA Datasheet(PDF) 1 Page - Epson Company

Part # RX-8025SA
Description  REAL TIME CLOCK MODULE (I2C-Bus)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

RX-8025SA Datasheet(HTML) 1 Page - Epson Company

  RX-8025SA Datasheet HTML 1Page - Epson Company RX-8025SA Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Real time clock module
Block diagram
Overview
OSC
OSC
Detect
/ INTA
SCL
SDA
FOUT
FOE
32 kHz
Output
Control
Divider
Correc
-tion
Div.
Interrupt Control
/ INTB
Shift Register
Time Counter
( Sec,Min,Hour,Week,Day,Month,Year )
Address
Decoder
Address
Register
Comparator_D
Comparator_W
Alarm_W Register
( Min,Hour,Week )
I/O
Control
Alarm_D Register
( Min,Hour )
Voltage
Detect
GND
VDD
Features built-in 32.768kHz crystal unit
• Frequency adjusted for
high accuracy.
(
5106 / Ta=+25C)
(
Equivalent to 13 seconds of monthly deviation)
The various detection function
• Power supply voltage monitoring function
(with selectable detection threshold)
• Stop detection function
• Power-on reset detection function
Alarm function and Timer function
• Timer function produces a periodic interruption signal.
As for the Alarm function an optional combination is produced.
(Date of the week , time , minute)
Pin Function
Terminal connection
/External dimensions
(Unit:mm)
Signal
Name
Input / output
Function
SCL
Input
Serial clock input pin
SDA
Bi-directional Data input and output pin
FOUT
Output
FOE
Input
32.768
kHzclock output pin with the output
control function. (C-MOS)
FOE
input
/CLEN1
bit
/CLEN2
bit
FOUT
output
L
X
X
OFF (
LOW)
0
0
32.768 kHz
0
1
32.768 kHz
1
0
32.768 kHz
H
1
1
OFF(LOW)
/ INTA
Output
Interrupt output A pin (
N-ch open drain)
/ INTB
Output
Interrupt output B pin (
N-ch open drain)
TEST
-
Used by the manufacture for testing.
(Do not connect externally.)
VDD
-
Connected to a positive power supply.
GND
-
Connected to a ground.
RX
8025SA
1.
N.C.
14.
N.C.
2.
SCL
13.
SDA
3.
FOUT
12.
/
INTB
4.
N.C.
11.
GND
5.
TEST
10.
/
INTA
6.
VDD
9.
N.C.
7.
FOE
5.0
7.40.2
8.
N.C.
SOP
14 pin
RX
8025NB
1.
FOE
22.
N.C.
2.
VDD
21.
N.C.
3.
(GND)
20.
N.C.
4.
TEST
19.
N.C.
5.
FOUT
18.
N.C.
6.
SCL
17.
N.C.
7.
SDA
16.
N.C.
8.
/
INTB
15.
N.C.
9.
GND
14.
N.C.
10.
/
INTA
13.

11.
N.C.
1.30.1
4.8
5.00.2
12.

SON22 pin
The metal case inside of the molding compound may be exposed on the top or bottom of this product.
This purely cosmetic and does not have any effect on quality, reliability or electrical specs.
Specifications (characteristics)
 Refer to application manual for details.
.
Recommended Operating Conditions
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power voltage
VDD
-
1.7

3.0
5.5
V
Clock voltage
VCLK
-
1.15
3.0
5.5
V
Operating
temperature
TOPR
-
-40
+25
+85
C
Frequency characteristics
Item
Symbol
Conditions
Range
Unit
Frequency
tolerance
f/f
Ta
=+25C
VDD
=3.0V
AA: 5
51)
AC: 0
52)
106
Oscillation
start-up time
tSTA
Ta
=+25C
VDD
=2.0V
1
Max.
s
Frequency voltage
characteristics
f
/V
Ta
=+25C
VDD
=2.0Vto5.5V
1Max.
106
1)2)Equivalent to 13 seconds of monthly deviation (excluding offset).
Current consumption characteristics
Ta
=-40C to +85C
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Curent
Consumption
IBK
fSCL=0Hz
FOE
=GND
FOUT
;output
OFF(LOW)
VDD
=
5V
-
0.60
1.80
µA
VDD
=
3V
-
0.48
1.20
I32k
fSCL=0Hz
VDD,
FOE=5.5V
FOUT
;output ON
(
Output=OPEN;
CL
=0pF)
VDD
=
5.5V
-
3.0
6.5
µA
Power supply detection voltage
Ta
=-30C to +70C
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
High-voltage mode
VDETH
VDD pin
1.90
2.10
2.30
V
Low-voltage mode
VDETL
VDD pin
1.15
1.30
1.45
V
RX-8025SA
RX-8025NB
REAL TIME CLOCK MODULE (I
2C-Bus)
High-Stability
RX - 8025SA/NB
Built-in 32.768 kHz crystal unit
: Frequency adjusted for high accuracy
(
5106/Ta=+25C)
Interface Type
: I
2C-Bus Interface
(400kHz)
Operating voltage range: 1.70Vto5.5V
Wide Timekeeper voltage range
: 1.15
Vto5.5V
Various detection Functions
: Ex. Oscillation stop detection function
Low backup current
: 0.48
A/3V(Typ.)
32.768 kHz frequency output function : C-MOS output With Control Pin
The various functions include full calendar, alarm, timer.
* The I
2C-Bus is a trademark of NXP Semiconductors
Product Number (Please contact us)
RX-8025SA : Q41802552xxxx00
RX-8025NB : Q41802592xxxx00


Similar Part No. - RX-8025SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RX-8025SA ETC-RX-8025SA Datasheet
832Kb / 1P
   High-Stability I2C-Bus INTERFACE REAL TIME CLOCK MODULE
logo
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
More results

Similar Description - RX-8025SA

ManufacturerPart #DatasheetDescription
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
   Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307 Datasheet
516Kb / 20P
   Real-time Clock Module (I2C Bus)
PT7C433833 PERICOM-PT7C433833 Datasheet
626Kb / 17P
   Real-time Clock Module (I2C Bus)
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Epson Company
RX-8731LC EPSON-RX-8731LC Datasheet
261Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX8900SA EPSON-RX8900SA Datasheet
333Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RA-8565SA EPSON-RA-8565SA Datasheet
287Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com