Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-210STF Datasheet(PDF) 1 Page - Epson Company

Part # SG-210STF
Description  CRYSTAL OSCILLATOR (SPXO)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SG-210STF Datasheet(HTML) 1 Page - Epson Company

  SG-210STF Datasheet HTML 1Page - Epson Company SG-210STF Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Crystal oscillator
Specifications (characteristics)
Item
Symbol
Specifications
Conditions / Remarks
Output frequency range
f0
1MHz to 75MHz
Please contact us about available frequencies.
Supply voltage
VCC
1.6V to 3.6V
1.8 V Typ.
1.6 V to 2.2 V
2.5 V Typ.
2.2 V to 3.0 V
3.3 V Typ.
2.7 V to 3.6 V
Storage temperature
T_stg
-40
C to +125 °C
Storage as single product.
Operating temperature
T_use
-40
C to +85 °C / -40 C to +105 °C
Frequency tolerance
f_tol
S:
25  10-6
-20
C to +70 C
L:±50 × 10
-6
-40
C to +85 C
Y:±50 × 10
-6, W:±100 × 10-6
-40
C to +105 C
Current consumption
ICC
1.5 mA Max.
1.6 mA Max.
1.8 mA Max.
No load condition 1MHz<f0
20MHz
1.8 mA Max.
2.0 mA Max.
2.2 mA Max.
No load condition 20MHz<f0
40MHz
2.1 mA Max.
2.4 mA Max.
2.6 mA Max.
No load condition 40MHz<f0
60MHz
2.4 mA Max.
2.8 mA Max.
3.0 mA Max.
No load condition 60MHz<f0
75MHz
Stand-by current
I_std
2.1 µA Max.
2.5 µA Max.
2.7 µA Max.
ST
=GND
Symmetry
SYM
45 % to 55 %
50 % VCC level
L_CMOS
 15 pF
Output voltage
VOH
Vcc-0.4V Min.
VOL
0.4V Max.
Output load condition
(CMOS)
L_CMOS
15 pF Max.
Input voltage
VIH
80 % VCC Min.
ST
terminal
VIL
20 % VCC Max.
Rise time and Fall time
tr/ tf
4 ns Max.
3 ns Max.
20 % VCC to 80 % VCC level,L_CMOS=15 pF
Start-up time
t_str
3 ms Max.
t=0 at 90 % VCC+85
C,(+105 °C.)
Frequency aging
f_aging
3  10-6 / year Max.
+25 °C, First year, VCC=1.8 V, 2.5 V, 3.3 V
Phase noise
C/N
-145 dBc/Hz Typ.
@1kHz ,f0=48MHz
-158 dBc/Hz Typ.
@100kHz ,f0=48MHz
-161 dBc/Hz Typ.
@Floor Lv.
Product Name
SG-210 S T F 25.000000MHz L
(Standard form)
②③
①Model
②Function (S:Standby)
③Supply voltage
④Frequency
⑤Frequency tolerance
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
③Supply voltage
T
1.6 to 3.6 V
⑤Frequency tolerance
S
±25 × 10
-6 / -20 to +70°C
L
±50 × 10
-6 / -40 to +85°C
Y
±50 × 10
-6 / -40 to +105°C
W
±100 × 10
-6 / -40 to +105°C
25.0
O
F123A
2.5
0.15
0.9
#2
#1
#2
#4
#3
#3
0.8
#1
#4
Pin map
Pin
Connection
1
ST
2
GND
3
OUT
4
VCC
Note.
ST
pin = HIGH or "open" : Specified frequency output.
ST
pin = LOW : Output is high impedance, oscillation stops.
Resist
C
(ex. 0.01 µF)
#1
#2
#3
#4
1.7
1.1
CRYSTAL OSCILLATOR (SPXO)
OUTPUT : CMOS
SG-210 STF
Frequency range
:
1 MHz to 75 MHz
Supply voltage
:
1.6 V to 3.6 V
Function
:
Standby( ST )
External dimensions
:
2.5 × 2.0 × 0.8 mm
Operation temperature : -40 to +105 C
Product Number (please contact us)
X1G004171xxxx00
To maintain stable operation, provide a 0.01uF to 0.1uF by-pass
capacitor at a location as near as possible to the power source
terminal of the crystal product (between Vcc - GND).


Similar Part No. - SG-210STF

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
SG-210SCB EPSONTOYOCOM-SG-210SCB Datasheet
354Kb / 2P
   CRYSTAL OSCILLATOR
SG-210SCH EPSONTOYOCOM-SG-210SCH Datasheet
590Kb / 2P
   Crtstal Oscillator
SG-210SDB EPSONTOYOCOM-SG-210SDB Datasheet
354Kb / 2P
   CRYSTAL OSCILLATOR
SG-210SDH EPSONTOYOCOM-SG-210SDH Datasheet
590Kb / 2P
   Crtstal Oscillator
SG-210SEB EPSONTOYOCOM-SG-210SEB Datasheet
354Kb / 2P
   CRYSTAL OSCILLATOR
More results

Similar Description - SG-210STF

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
SG2016CAN SII-SG2016CAN Datasheet
419Kb / 2P
   CRYSTAL OSCILLATOR (SPXO)
TCO-7107 SII-TCO-7107 Datasheet
353Kb / 2P
   CRYSTAL OSCILLATOR (SPXO)
logo
Epson Company
SG5032CAN EPSON-SG5032CAN Datasheet
404Kb / 2P
   CRYSTAL OSCILLATOR (SPXO)
logo
Seiko Instruments Inc
TCO-7106 SII-TCO-7106 Datasheet
353Kb / 2P
   CRYSTAL OSCILLATOR (SPXO)
logo
Epson Company
SG-211 EPSON-SG-211 Datasheet
340Kb / 2P
   CRYSTAL OSCILLATOR (SPXO)
SG-3030CM EPSON-SG-3030CM Datasheet
401Kb / 2P
   CRYSTAL OSCILLATOR (SPXO)
SG-3030LC EPSON-SG-3030LC Datasheet
401Kb / 1P
   CRYSTAL OSCILLATOR (SPXO)
logo
Epson ToYoCom
SG-310 EPSONTOYOCOM-SG-310 Datasheet
227Kb / 1P
   CRYSTAL OSCILLATOR SPXO
logo
Seiko Instruments Inc
SG-636PTF SII-SG-636PTF Datasheet
400Kb / 3P
   CRYSTAL OSCILLATOR (SPXO)
logo
Epson Company
HG-2150CA EPSON-HG-2150CA_15 Datasheet
414Kb / 1P
   CRYSTAL OSCILLATOR (SPXO)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com