Electronic Components Datasheet Search |
|
892214 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
892214 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 12/23/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 39890-0614 Status: Active Overview: Eurostyle™ Terminal Blocks Description: 5.00mm Pitch Beau™ Eurostyle™ Medium Profile, Two Level Terminal Block, Modular, 14 Circuits Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification CSA LR25562 UL E48521 General Product Family Terminal Blocks Series 39890 Application N/A Component Type One Piece Overview Eurostyle™ Terminal Blocks Product Name Eurostyle™Multi-Level Type Euro Block UPC 822350060455 Physical Circuits (Loaded) 14 Circuits (maximum) 14 Entry Angle Horizontal Flammability 94V-0 Lock to Mating Part None Number of Rows 2 Orientation Vertical PC Tail Length 3.81mm PCB Retention N/A PCB Thickness - Recommended 2.60mm Panel Mount No Pitch - Mating Interface 5.00mm Pitch - Termination Interface 5.00mm Polarized to Mating Part No Shrouded Fully Stackable Yes Surface Mount Compatible (SMC) No Temperature Range - Operating 105°C Wire Size AWG 12, 14, 16, 18, 20, 22, 24, 26, 28, 30 Wire Size mm² 0.20 - 2.50 Electrical Current - Maximum per Contact 17.5A Voltage - Maximum 150V Solder Process Data Lead-free Process Capability Wave Capable (TH only) Material Info Old Part Number 892214 Reference - Drawing Numbers Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Low-Halogen Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 39890Series |
Similar Part No. - 892214 |
|
Similar Description - 892214 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |