Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39900-0516 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39900-0516
Description  3.81mm Pitch Beau Eurostyle Vertical PCB Header
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39900-0516 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39900-0516 Datasheet HTML 1Page - Molex Electronics Ltd. 39900-0516 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/23/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39900-0516
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
3.81mm Pitch Beau™ Eurostyle™ Vertical PCB Header, 16 Circuits
Replacement Part
Number:
39511-1016
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39900
Application
N/A
Comments
Gold plating and green housing available
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Pluggable
Replacement Part Number
39511-1016
Type
Euro Block
UPC
800756366623
Physical
Circuits (Loaded)
16
Color - Resin
Black
Entry Angle
N/A
Flammability
94V-0
Lock to Mating Part
None
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
Polyester
Net Weight
7.760/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.40mm
PCB Retention
N/A
PCB Thickness - Recommended
2.40mm
Panel Mount
No
Pitch - Mating Interface
3.81mm
Pitch - Termination Interface
3.81mm
Plating min - Mating
0.762µm
Plating min - Termination
0.762µm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
130°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
12A
Voltage - Maximum
300V
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39900Series
Mates With
39900-0316 Vertical Plug, Front Wire Entry,
39900-0216 Vertical Plug, Rear Wire Entry,
39905-0116 Horizontal Plug


Similar Part No. - 39900-0516

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39900-0511 MOLEX5-39900-0511 Datasheet
422Kb / 4P
   3.81mm (.150") Pitch Beau??Eurostyle??Vertical PCB Header, 11 Circuits
39900-0511 MOLEX11-39900-0511 Datasheet
42Kb / 2P
   3.81mm Pitch Beau Eurostyle Vertical PCB Header, 11 Circuits
39900-0512 MOLEX5-39900-0512 Datasheet
422Kb / 4P
   3.81mm (.150") Pitch Beau??Eurostyle??Vertical PCB Header, 12 Circuits
39900-0512 MOLEX11-39900-0512 Datasheet
42Kb / 2P
   3.81mm Pitch Beau Eurostyle Vertical PCB Header, 12 Circuits
39900-0513 MOLEX5-39900-0513 Datasheet
422Kb / 4P
   3.81mm (.150") Pitch Beau??Eurostyle??Vertical PCB Header, 13 Circuits
More results

Similar Description - 39900-0516

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39900-0520 MOLEX11-39900-0520 Datasheet
42Kb / 2P
   3.81mm Pitch Beau Eurostyle Vertical PCB Header
39910-0102 MOLEX11-39910-0102 Datasheet
37Kb / 2P
   3.81mm Pitch Beau Eurostyle Vertical PCB Header
39900-0519 MOLEX11-39900-0519 Datasheet
42Kb / 2P
   3.81mm Pitch Beau Eurostyle Vertical PCB Header
39900-0517 MOLEX11-39900-0517 Datasheet
42Kb / 2P
   3.81mm Pitch Beau Eurostyle Vertical PCB Header
39900-0518 MOLEX11-39900-0518 Datasheet
42Kb / 2P
   3.81mm Pitch Beau Eurostyle Vertical PCB Header
39910-0103 MOLEX11-39910-0103 Datasheet
37Kb / 2P
   3.81mm Pitch Beau Eurostyle Vertical PCB Header
39900-0509 MOLEX11-39900-0509 Datasheet
42Kb / 2P
   3.81mm Pitch Beau Eurostyle Vertical PCB Header
39900-0515 MOLEX11-39900-0515 Datasheet
42Kb / 2P
   3.81mm Pitch Beau Eurostyle Vertical PCB Header
39900-0514 MOLEX11-39900-0514 Datasheet
42Kb / 2P
   3.81mm Pitch Beau Eurostyle Vertical PCB Header, 14 Circuits
39900-0513 MOLEX11-39900-0513 Datasheet
42Kb / 2P
   3.81mm Pitch Beau Eurostyle Vertical PCB Header, 13 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com