Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM16C550 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GM16C550
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFOs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM16C550 Datasheet(HTML) 1 Page - Hynix Semiconductor

  GM16C550 Datasheet HTML 1Page - Hynix Semiconductor GM16C550 Datasheet HTML 2Page - Hynix Semiconductor GM16C550 Datasheet HTML 3Page - Hynix Semiconductor GM16C550 Datasheet HTML 4Page - Hynix Semiconductor GM16C550 Datasheet HTML 5Page - Hynix Semiconductor GM16C550 Datasheet HTML 6Page - Hynix Semiconductor GM16C550 Datasheet HTML 7Page - Hynix Semiconductor GM16C550 Datasheet HTML 8Page - Hynix Semiconductor GM16C550 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
GM16C550
1
GM16C550
ASYNCHRONOUS COMMUNICATIONS
ELEMENT WITH FIFOs
Descriptions
The GM16C550 is an asynchronous communi-
cations
element
(ACE)
that
is
functionally
equivalent to the GM16C450, and addition-ally
incorporates a 16byte FIFOs are available on both
the transmitter and receiver, and can be activated by
placing the device in the FIFO mode. After a reset,
the registers of the GM16C550 are identical to those
of the GM16C450.
The UART performs serial-to-parallel conver- sion
on data characters received from a peri-pheral
device or a MODEM, and parallel-to- serial
conversion on data characters received
from the
CPU.
The CPU can read the com-
plete status of
the UART at any time during
the functional
operation. Status information reported includes the
type and condition of
the transfer operations
being performed by
the UART, as well as any
error conditions
(parity, overrun, framing, or break
interrupt).
Pin Configulation
Features
l
Fully compatible with GM16C450.
l
Modem controm signals include CTS , RTS ,
DSR , DTR , RI and
- DCD .
l
Programmable serial characteristics:
—5-, 6-, 7- or 8-bit characters
— Even-, odd-, or no-parity bit generation and
detection
—1-, 11/2- or 2-stop bit generation
Baud rate generation (DC to 256K baud)
l
16 byte FIFO reduces CPU interrupts.
l
Independent control of transmit, receive, line
status, data set interrupts, FIFOs.
l Full status reporting capabilities
l
Three-state, TTL drive capabilities for bi-
derectional data bus and control bus.
l 40DIP/44PLCC
D0
D1
D2
D3
D4
D5
D6
D7
RCLK
SIN
SOUT
CS0
CS1
CS2
BAUDQUT
XTAL1
XTAL2
DOSTR
DOSTR
VSS
VCC
RI
DCD
DSR
CTS
MR
OUT1
DTR
RTS
OUT2
INTRPT
RXRDY
A0
A1
A2
ADS
DISTR
DISTR
DDIS
TXRDY
D6
D5
D7
RCLK
SIN
N.C.
SOUT
CS0
CS1
CS2
BAUDQUT
A1
A2
A0
RXRDY
INTRPT
N.C.
OUT2
RTS
DTR
OUT1
MR


Similar Part No. - GM16C550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
   HIGH-RESOLUTION DISPLAY CONTROLLER
logo
GTM CORPORATION
GM161 GTM-GM161 Datasheet
388Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM1616A GTM-GM1616A Datasheet
262Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GM1616A ETL-GM1616A Datasheet
264Kb / 3P
   N P N E P I T A X I A L P L A N A R T R A N S I S T O R
logo
GTM CORPORATION
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GM16C550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com