Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9856-TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9856-TR
Description  High voltage high-side driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9856-TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9856-TR Datasheet HTML 5Page - STMicroelectronics L9856-TR Datasheet HTML 6Page - STMicroelectronics L9856-TR Datasheet HTML 7Page - STMicroelectronics L9856-TR Datasheet HTML 8Page - STMicroelectronics L9856-TR Datasheet HTML 9Page - STMicroelectronics L9856-TR Datasheet HTML 10Page - STMicroelectronics L9856-TR Datasheet HTML 11Page - STMicroelectronics L9856-TR Datasheet HTML 12Page - STMicroelectronics L9856-TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
L9856
Electrical specifications
9/14
tplhi
Input-to-output turn-on
propagation delay (50 % input
level to 10 % output level)
0.1
0.35
µs
tphli
Input-to-output turn-off
propagation delay (50 % input
level to 90 % output level)
0.1
0.4
tplhr
RES-to-output turn-on
propagation delay (50 % input
level to 10% output level)
0.1
0.4
tphlr
RES-to-output turn-off
propagation delay (50 % input
level to 90 % output level)
0.1
0.4
Input characteristics
VINH
High logic level input threshold
VCC = 5V
0.6 VCC
V
VINL
Low logic level input threshold
0.28
VCC
RIN
High logic level input resistance
60
100
250
k
IIN
High logic level input current
VIN = VCC
5µA
VRESH
High logic level RES input
threshold
VCC = 5V
0.6 VCC
VRESL
Low logic level RES input
threshold
0.28
VCC
RRES
High logic level RES Input
resistance
60
100
250
k
IRES
Low logic level input current
VRES = 0
5
µA
Recharge characteristics
ton_rech
Recharge transistor turn-on
propagation delay
VS = 5V
3
6
9
µs
toff_rech
Recharge transistor turn-off
propagation delay
0.1
0.5
µs
VRECH
Recharge output transistor on-
state voltage drop
1 mA forced on recharge
path on
0.5
1.2
V
Deadtime characteristics
DTHOFF
High side turn-off to recharge gate
turn-on
VCC = 5 V
369
µs
DTHON
Recharge gate turn-off to high
side turn-on
0.1
0.4
0.7
Table 6.
Electrical characteristics (continued)
Unless otherwise specified, VCC = 5 V, VBS = 7 V, VS = 0 V, IN = 0 V, RES = 5 V,
load R = 50
, C = 2.5 nF. Unless otherwise noted, these specifications apply for an
operating ambient temperature range of -40 °C <
T
amb < 125 °C.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit


Similar Part No. - L9856-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9856 STMICROELECTRONICS-L9856 Datasheet
150Kb / 14P
   High voltage high-side driver
L9856TR STMICROELECTRONICS-L9856TR Datasheet
150Kb / 14P
   High voltage high-side driver
More results

Similar Description - L9856-TR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81705FP MITSUBISHI-M81705FP Datasheet
52Kb / 8P
   HIGH VOLTAGE HIGH SIDE DRIVER
logo
STMicroelectronics
L9857 STMICROELECTRONICS-L9857 Datasheet
124Kb / 11P
   High voltage high-side driver
L9856 STMICROELECTRONICS-L9856 Datasheet
150Kb / 14P
   High voltage high-side driver
logo
Mitsubishi Electric Sem...
M81725FP MITSUBISHI-M81725FP Datasheet
70Kb / 6P
   HIGH VOLTAGE HIGH SIDE DRIVER
logo
STMicroelectronics
L6390 STMICROELECTRONICS-L6390_12 Datasheet
725Kb / 26P
   High-voltage high/low-side driver
logo
Intersil Corporation
ISL6801 INTERSIL-ISL6801 Datasheet
96Kb / 6P
   High Voltage Bootstrap High Side Driver
logo
Renesas Technology Corp
ISL6801 RENESAS-ISL6801 Datasheet
353Kb / 6P
   High Voltage Bootstrap High Side Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com