Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN2222ABU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # PN2222ABU
Description  NPN General-Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN2222ABU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  PN2222ABU Datasheet HTML 1Page - Fairchild Semiconductor PN2222ABU Datasheet HTML 2Page - Fairchild Semiconductor PN2222ABU Datasheet HTML 3Page - Fairchild Semiconductor PN2222ABU Datasheet HTML 4Page - Fairchild Semiconductor PN2222ABU Datasheet HTML 5Page - Fairchild Semiconductor PN2222ABU Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
PN2222A Rev. 1.1.0
3
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
4. Pulse test: pulse width
≤ 300 μs, duty cycle ≤ 2.0%.
Symbol
Parameter
Conditions
Min.
Max.
Unit
Off Characteristics
BV(BR)CEO
Collector-Emitter Breakdown
Voltage(4)
IC = 10 mA, IB = 0
40
V
BV(BR)CBO Collector-Base Breakdown Voltage
IC = 10 μA, IE = 0
75
V
BV(BR)EBO Emitter-Base Breakdown Voltage
IE = 10 μA, IC = 0
6.0
V
ICEX
Collector Cut-Off Current
VCE = 60 V, VEB(off) = 3.0 V
10
nA
ICBO
Collector Cut-Off Current
VCB = 60 V, IE = 0
0.01
μA
VCB = 60 V, IE = 0, TA = 125°C10
IEBO
Emitter Cut-Off Current
VEB = 3.0 V, IC = 0
10
nA
IBL
Base Cut-Off Current
VCE = 60 V, VEB(off) = 3.0 V
20
nA
On Characteristics
hFE
DC Current Gain
IC = 0.1 mA, VCE = 10 V
35
IC = 1.0 mA, VCE = 10 V
50
IC = 10 mA, VCE = 10 V
75
IC = 10 mA, VCE = 10 V,
TA = -55°C
35
IC = 150 mA, VCE = 10 V
(4)
100
300
IC = 150 mA, VCE = 1 V
(4)
50
IC = 500 mA, VCE = 10 V
(4)
40
VCE(sat)
Collector-Emitter Saturation Voltage(4)
IC = 150 mA, IB = 15 mA
0.3
V
IC = 500 mA, IB = 50 mA
1.0
VBE(sat)
Base-Emitter Saturation Voltage(4)
IC = 150 mA, IB = 15 mA
0.6
1.2
V
IC = 500 mA, IB = 50 mA
2.0
Small Signal Characteristics
fT
Current Gain Bandwidth Product
IC = 20 mA, VCE = 20 V,
f = 100 MHz
300
MHz
Cobo
Output Capacitance
VCB = 10 V, IE = 0, f = 1 MHz
8.0
pF
Cibo
Input Capacitance
VEB = 0.5 V, IC = 0, f = 1 MHz
25
pF
rb’Cc
Collector Base Time Constant
IC = 20 mA, VCB = 20 V,
f = 31.8 MHz
150
pS
NF
Noise Figure
IC = 100 μA, VCE = 10 V,
RS = 1.0 kΩ, f = 1.0 kHz
4.0
dB
Re(hie)
Real Part of Common-Emitter
High Frequency Input Impedance
IC = 20 mA, VCE = 20 V,
f = 300 MHz
60
Ω
Switching Characteristics
td
Delay Time
VCC = 30 V, VEB(off) = 0.5 V,
IC = 150 mA, IB1 = 15 mA
10
ns
tr
Rise Time
25
ns
ts
Storage Time
VCC = 30 V, IC = 150 mA,
IB1 = IB2 = 15 mA
225
ns
tf
Fall Time
60
ns


Similar Part No. - PN2222ABU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN2222A PHILIPS-PN2222A Datasheet
45Kb / 8P
   NPN switching transistor
1999 May 21
logo
Fairchild Semiconductor
PN2222A FAIRCHILD-PN2222A Datasheet
212Kb / 8P
   NPN General Purpose Amplifier
logo
Central Semiconductor C...
PN2222A CENTRAL-PN2222A Datasheet
322Kb / 2P
   NPN SILICON TRANSISTOR
logo
STMicroelectronics
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
AUK corp
PN2222A AUK-PN2222A Datasheet
65Kb / 3P
   NPN Silicon Transistor
More results

Similar Description - PN2222ABU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com