Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFT25_2015 Datasheet(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFT25_2015
Description  NPN 2 GHz wideband transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFT25_2015 Datasheet(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFT25_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFT25_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
November 1992
7
Philips Semiconductors
Product specification
NPN 2 GHz wideband transistor
BFT25
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - BFT25_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFT25A NXP-BFT25A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFT25A NXP-BFT25A_04 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
Rev. 04-6 July 2004
BFT25A PHILIPS-BFT25A_15 Datasheet
146Kb / 15P
   NPN 5 GHz wideband transistor
Rev. 5-12 September 2011
logo
Quanzhou Jinmei Electro...
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
More results

Similar Description - BFT25_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BFT25 PHILIPS-BFT25 Datasheet
60Kb / 8P
   NPN 2 GHz wideband transistor
November 1992
logo
New Jersey Semi-Conduct...
BF763 NJSEMI-BF763 Datasheet
76Kb / 2P
   NPN 2 GHz wideband transistor
logo
Quanzhou Jinmei Electro...
BFT25 JMNIC-BFT25_15 Datasheet
57Kb / 8P
   NPN 2 GHz wideband transistor
logo
NXP Semiconductors
BFR53 PHILIPS-BFR53 Datasheet
89Kb / 12P
   NPN 2 GHz wideband transistor
1997 Oct 28
BFG16A PHILIPS-BFG16A Datasheet
71Kb / 8P
   NPN 2 GHz wideband transistor
1995 Sep 12
logo
New Jersey Semi-Conduct...
BF689K NJSEMI-BF689K Datasheet
89Kb / 2P
   NPN 2 GHz wideband transistor
logo
NXP Semiconductors
BFT25_CNV PHILIPS-BFT25_CNV_15 Datasheet
221Kb / 10P
   NPN 2 GHz wideband transistor
November 1992
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com