Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGD885_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGD885_2015
Description  860 MHz, 17 dB gain power doubler amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGD885_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGD885_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD885_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD885_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD885_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD885_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD885_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD885_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD885_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Nov 02
2
Philips Semiconductors
Product specification
860 MHz, 17 dB gain power doubler amplifier
BGD885
FEATURES
• Excellent linearity
• Extremely low noise
• Silicon nitride passivation
• Rugged construction
• Gold metallization ensures excellent reliability.
DESCRIPTION
Hybrid amplifier module for CATV/MATV systems
operating over a frequency range of 40 to 860 MHz at a
voltage supply of 24 V (DC).
PINNING - SOT115D
PIN
DESCRIPTION
1
input
2, 3, 5, 6, 7
common
4
10 V, 200 mA supply terminal
8+VB
9
output
Fig.1 Simplified outline.
handbook, halfpage
7
8
9
24
6
35
1
Side view
MBK049
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Gp
power gain
f = 50 MHz
16.5
17.5
dB
Itot
total current consumption (DC)
VB = 24 V
450
mA
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VB
DC supply voltage
26
V
Vi
RF input voltage
65
dBmV
Tstg
storage temperature
−40
+100
°C
Tmb
operating mounting base temperature
−20
+100
°C


Similar Part No. - BGD885_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD885 NXP-BGD885_01 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD885 JMNIC-BGD885_15 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain power doubler amplifier
More results

Similar Description - BGD885_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD885 NXP-BGD885_01 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD885 JMNIC-BGD885_15 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain power doubler amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
logo
Quanzhou Jinmei Electro...
BGD804 JMNIC-BGD804_15 Datasheet
67Kb / 12P
   860 MHz, 20 dB gain power doubler amplifier
BGD812 JMNIC-BGD812_15 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
BGD804_2015 JMNIC-BGD804_2015 Datasheet
67Kb / 12P
   860 MHz, 20 dB gain power doubler amplifier
BGD812_2015 JMNIC-BGD812_2015 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
CGD914_2015 JMNIC-CGD914_2015 Datasheet
137Kb / 16P
   860 MHz, 20 dB gain power doubler amplifier
BGD816L JMNIC-BGD816L_15 Datasheet
56Kb / 8P
   860 MHz, 21.5 dB gain power doubler amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com