Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM82C765B Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GM82C765B
Description  FLOPPY DISK SUBSYSTEM CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM82C765B Datasheet(HTML) 4 Page - Hynix Semiconductor

  GM82C765B Datasheet HTML 1Page - Hynix Semiconductor GM82C765B Datasheet HTML 2Page - Hynix Semiconductor GM82C765B Datasheet HTML 3Page - Hynix Semiconductor GM82C765B Datasheet HTML 4Page - Hynix Semiconductor GM82C765B Datasheet HTML 5Page - Hynix Semiconductor GM82C765B Datasheet HTML 6Page - Hynix Semiconductor GM82C765B Datasheet HTML 7Page - Hynix Semiconductor GM82C765B Datasheet HTML 8Page - Hynix Semiconductor GM82C765B Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
GM82C765B
4
22
24
DRV
DRIVE TYPE
I
ST
Drive type input indicates to the device that a two-speed
spindle motor is used if logic is O. In that case, the
second clock input will never be selected and must be
grounded.
25
1
XI
1
XTAL
O
ST
XTAL oscillator drive output for 44 pin PLCC should
be left floating if TTL inputs used at pin 26.
26
XT1
XTAL1
I
N
XTAL oscillator input requiring 16MHz crystal. This
oscillator is used for all standard data rates, and may be
driven with a TTL level signal.
23
CLK1
CLOCK1
I
N
TTL level clock input is used to generate all internal
timings for standard data rates. Frequency must be
16MHz ± 0.1%, and may 40/60 or 60/40 duty cycle.
* XT1 (PIN 26) of 44-PLCC
24
27
PCVAL
PRECOMPEN-SATION
VALUE
I
ST
PRECOMPENSATION VALUE select input. This pin
determines the amount of write precompensation used
on the inner tracks of the diskette. Logic 1 = 125nS,
Logic 0 = 187nS
25
28
HS
HEAD
SELECT
O
HCD
High Current drive (HCD) output selects the head (side)
of the floppy disk that is being read or written. Logic 1
= side 0. Logic 0 = side 1.
26
29
WE
ENABLE
WRITE
O
HCD
This HCD output becomes true, active low, just prior to
writing on the diskette. This allows current to flow
through the write head.
27
30
WD
DATA
WRITE
O
HCD
This HCD output
DATA
WRITE
. Each failing edge of
the encoded data pulse stream causes a flux transition
on the media.
28
31
DIRC
DIRECTION
O
HCD
This HCD output determines the direction of the HEAD
step motor. Logic 1 = outward motion. Logic 0 =
inward motion.
29
32
STEP
PULSE
STEP
CONTROL
O
HCD
This HCD output issues an active low pulse for each
track to track movement of the head.
30
33
1
DS
1
SELECT
DRIVE
O
HCD
This
HCD
output,
when
active
low,
is
1
SELECT
DRIVE
in PC AT mode, enables the interface
in disk drive. This signal comes from the Operations
Register. In Base or Special mode, this output is #1 of
the four decoded Unit Selects, as specified in the device
command syntax.
31
34
VSS
GROUND
Ground
32
35
2
DS
2
SELECT
DRIVE
O
HCD
This
HCD
output,
when
active
low,
is
2
SELECT
DRIVE
in PC AT mode, enables the
interface in disk drive. This signal comes from the
Operations Register. In Base or Special mode, this
output is # 2 of the four decoded Unit Selects, as
specified in the device command syntax.
33
36
1
MO
,
3
DS
1
ON
MOTOR
3
SELECT
DRIVE
O
HCD
This HCD output, when active low, is MOTOR ON
enable for disk drive #1, in PC AT mode. This signal
comes from the OPERATIONS Register in the BASE or
Special mode, this output is #3 of the four decoded Unit
Selects as specified in the device command syntax.


Similar Part No. - GM82C765B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM82C700 HYNIX-GM82C700 Datasheet
3Mb / 45P
   FAST SCSI-2 HOST ADAPTER
More results

Similar Description - GM82C765B

ManufacturerPart #DatasheetDescription
logo
NEC
WD37C65C NEC-WD37C65C Datasheet
1Mb / 51P
   Floppy Disk Subsystem Controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
   USB FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com