Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY787_2015 Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGY787_2015
Description  750 MHz, 21.5 dB gain push-pull amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGY787_2015 Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BGY787_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY787_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY787_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY787_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY787_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY787_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY787_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY787_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY787_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2001 Oct 31
6
Philips Semiconductors
Product specification
750 MHz, 21.5 dB gain push-pull amplifier
BGY787
Table 4
Bandwidth 40 to 450 MHz; VB =24V; Tcase =30 °C; ZS =ZL =75 Ω
Notes
1. fp = 55.25 MHz; Vp = 46 dBmV;
fq = 391.25 MHz; Vq = 46 dBmV;
measured at fp +fq = 446.5 MHz.
2. Measure according to DIN45004B;
fp = 440.25 MHz; Vp =Vo;
fq = 447.25 MHz; Vq =Vo −6 dB;
fr = 449.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 438.25 MHz.
3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 50 MHz
21
21.5
22
dB
f = 450 MHz
21.5
−−
dB
SL
slope cable equivalent
f = 40 to 450 MHz
0
1.5
dB
FL
flatness of frequency response
f = 40 to 450 MHz
−−±0.3
dB
s11
input return losses
f = 40 to 80 MHz
20
33
dB
f = 80 to 160 MHz
18.5
30
dB
f = 160 to 320 MHz
17
25
dB
f = 320 to 450 MHz
16
22.5
dB
s22
output return losses
f = 40 to 80 MHz
20
28.5
dB
f = 80 to 160 MHz
18.5
27.5
dB
f = 160 to 320 MHz
17
25
dB
f = 320 to 450 MHz
16
22
dB
s21
phase response
f = 50 MHz
−45
+45
deg
CTB
composite triple beat
60 channels flat; Vo = 46 dBmV;
measured at 445.25 MHz
−−−59
dB
Xmod
cross modulation
60 channels flat; Vo = 46 dBmV;
measured at 55.25 MHz
−−−54
dB
CSO
composite second order
distortion
60 channels flat; Vo = 46 dBmV;
measured at 446.5 MHz
−−−60
dB
d2
second order distortion
note 1
−−−73
dB
Vo
output voltage
dim = −60 dB; note 2
64
−−
dBmV
F
noise figure
see Table 1
−−−
dB
Itot
total current consumption (DC)
note 3
220
240
mA


Similar Part No. - BGY787_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGY787 JMNIC-BGY787_15 Datasheet
65Kb / 12P
   750 MHz, 21.5 dB gain push-pull amplifier
More results

Similar Description - BGY787_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGY787 JMNIC-BGY787_15 Datasheet
65Kb / 12P
   750 MHz, 21.5 dB gain push-pull amplifier
logo
NXP Semiconductors
BGY787 PHILIPS-BGY787 Datasheet
63Kb / 11P
   750 MHz, 21.5 dB gain push-pull
Rev. 08-1 April 2005
logo
Quanzhou Jinmei Electro...
BGY687_2015 JMNIC-BGY687_2015 Datasheet
55Kb / 8P
   600 MHz, 21.5 dB gain push-pull amplifier
BGY887 JMNIC-BGY887_15 Datasheet
65Kb / 12P
   860 MHz, 21.5 dB gain push-pull amplifier
logo
NXP Semiconductors
CGY887 PHILIPS-CGY887 Datasheet
51Kb / 8P
   870 MHz, 21.5 dB gain push-pull amplifier
2002 Jun 27
logo
Quanzhou Jinmei Electro...
BGY687 JMNIC-BGY687_15 Datasheet
55Kb / 8P
   600 MHz, 21.5 dB gain push-pull amplifier
logo
NXP Semiconductors
BGY687 NXP-BGY687 Datasheet
163Kb / 7P
   600 MHz, 21.5 dB gain push-pull amplifier
2001 Nov 08
logo
Quanzhou Jinmei Electro...
BGY887_2015 JMNIC-BGY887_2015 Datasheet
65Kb / 12P
   860 MHz, 21.5 dB gain push-pull amplifier
BGE788C__2015 JMNIC-BGE788C__2015 Datasheet
51Kb / 7P
   750 MHz, 34 dB gain push-pull amplifier
logo
NXP Semiconductors
BGE788 NXP-BGE788_01 Datasheet
55Kb / 8P
   750 MHz, 34 dB gain push-pull amplifier
2001 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com