Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY888_2015 Datasheet(PDF) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGY888_2015
Description  860 MHz, 34 dB gain push-pull amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGY888_2015 Datasheet(HTML) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BGY888_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2001 Oct 25
9
Philips Semiconductors
Product specification
860 MHz, 34 dB gain push-pull amplifier
BGY888
NOTES


Similar Part No. - BGY888_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGY888 JMNIC-BGY888_15 Datasheet
65Kb / 12P
   860 MHz, 34 dB gain push-pull amplifier
More results

Similar Description - BGY888_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGY888 JMNIC-BGY888_15 Datasheet
65Kb / 12P
   860 MHz, 34 dB gain push-pull amplifier
CGY887B_2015 JMNIC-CGY887B_2015 Datasheet
56Kb / 8P
   860 MHz, 27.8 dB gain push-pull amplifier
logo
NXP Semiconductors
BGX885N NXP-BGX885N_01 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
2001 Nov 14
BGE885 NXP-BGE885_01 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
2001 Oct 31
logo
Quanzhou Jinmei Electro...
BGY883 JMNIC-BGY883_15 Datasheet
55Kb / 8P
   860 MHz, 15 dB gain push-pull amplifier
logo
NXP Semiconductors
CGY887B PHILIPS-CGY887B Datasheet
50Kb / 8P
   860 MHz, 27.8 dB gain push-pull amplifier
2001 Nov 27
logo
Quanzhou Jinmei Electro...
BGY887 JMNIC-BGY887_15 Datasheet
65Kb / 12P
   860 MHz, 21.5 dB gain push-pull amplifier
BGE885 JMNIC-BGE885_15 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
BGX885N JMNIC-BGX885N_15 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
BGE885_2015 JMNIC-BGE885_2015 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com