Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF145_2015 Datasheet(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BLF145_2015
Description  HF power MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BLF145_2015 Datasheet(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BLF145_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF145_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF145_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF145_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF145_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF145_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF145_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF145_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF145_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
September 1992
7
Philips Semiconductors
Product specification
HF power MOS transistor
BLF145
List of components (class-A test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with PTFE fibre-glass dielectric (
ε
r = 4.5),
thickness 1
16 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C3, C8, C9
film dielectric trimmer
7 to 100 pF
2222 809 07015
C2, C10
multilayer ceramic chip capacitor
(note 1)
39 pF
C4, C7
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C5, C6
multilayer ceramic chip capacitor
(note 1)
27 pF
C11
multilayer ceramic chip capacitor
3
× 100 nF
2222 852 47104
C12
electrolytic capacitor
2.2
µF, 63 V
2222 030 38228
L1
12 turns enamelled 0.5 mm copper
wire
307 nH
length 8 mm;
int. dia. 4 mm
L2, L3
stripline (note 2)
30
length 15
× 6mm
L4
14 turns enamelled 1 mm copper
wire
1039 nH
length 14 mm;
int. dia. 9 mm
L5
9 turns enamelled 1 mm copper wire 305 nH
length 10 mm;
int. dia. 6 mm
L6
grade 3B Ferroxcube wideband HF
choke
4312 020 36640
R1
0.25 W metal film resistor
26
R2
0.25 W metal film resistor
10
Fig.11 Test circuit for class-A operation.
f = 28 MHz.
handbook, full pagewidth
MGP042
input
50
C1
C4
C7
L1
L2
D.U.T.
L3
L5
+VG
L4
R1
C3
C2
C8
C11
C6
C5
C12
C10
+VD
C9
L6
R2
output
50


Similar Part No. - BLF145_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BLF145 JMNIC-BLF145_15 Datasheet
78Kb / 12P
   HF power MOS transistor
More results

Similar Description - BLF145_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BLF145 JMNIC-BLF145_15 Datasheet
78Kb / 12P
   HF power MOS transistor
logo
NXP Semiconductors
BLF145 NXP-BLF145 Datasheet
285Kb / 15P
   HF power MOS transistor
Rev. 04-5 January 2007
BLF145 PHILIPS-BLF145 Datasheet
88Kb / 12P
   HF power MOS transistor
September 1992
BLF177 PHILIPS-BLF177 Datasheet
121Kb / 16P
   HF/VHF power MOS transistor
September 1992
BLF242 PHILIPS-BLF242 Datasheet
81Kb / 11P
   HF/VHF power MOS transistor
September 1992
logo
Quanzhou Jinmei Electro...
BLF177_2015 JMNIC-BLF177_2015 Datasheet
123Kb / 20P
   HF/VHF power MOS transistor
BLF202_2015 JMNIC-BLF202_2015 Datasheet
90Kb / 16P
   HF/VHF power MOS transistor
logo
New Jersey Semi-Conduct...
BLF175 NJSEMI-BLF175 Datasheet
141Kb / 4P
   HFA/HF power MOS transistor
logo
NXP Semiconductors
BLF177 NXP-BLF177 Datasheet
321Kb / 19P
   HF/VHF power MOS transistor
Rev. 06-24 January 2007
logo
New Jersey Semi-Conduct...
BLF242 NJSEMI-BLF242 Datasheet
147Kb / 4P
   HF/VHF power MOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com