Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF147_2015 Datasheet(PDF) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BLF147_2015
Description  VHF power MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BLF147_2015 Datasheet(HTML) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BLF147_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF147_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF147_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF147_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF147_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF147_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF147_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF147_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF147_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2001 May 23
11
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF147
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT121B
99-03-29
0
5
10 mm
scale
Flanged ceramic package; 2 mounting holes; 4 leads
SOT121B
12
43
U3
D1
U2
H
H
b
Q
D
U1
q
A
F
c
p
w1 M
M
M
M
M
w2
B
C
C
A
AB
α
0.25
UNIT
A
mm
D
b
5.82
5.56
0.16
0.10
12.86
12.59
12.83
12.57
28.45
25.52
3.30
3.05
6.48
6.22
7.27
6.17
c
D1
U3
U2
12.32
12.06
0.51
w1
w2
45
°
α
U1
24.90
24.63
Q
4.45
3.91
q
18.42
F
2.67
2.41
0.01
inches
0.229
0.219
0.006
0.004
0.506
0.496
0.505
0.495
1.120
1.005
0.130
0.120
0.255
0.245
0.286
0.243
0.485
0.475
0.02
0.98
0.97
0.175
0.154
0.725
0.105
0.095
p
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)


Similar Part No. - BLF147_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BLF147 JMNIC-BLF147_15 Datasheet
90Kb / 12P
   VHF power MOS transistor
More results

Similar Description - BLF147_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF276 PHILIPS-BLF276 Datasheet
85Kb / 13P
   VHF power MOS transistor
December 1997
BLF246 PHILIPS-BLF246 Datasheet
86Kb / 12P
   VHF power MOS transistor
1996 Oct 21
BLF346 PHILIPS-BLF346 Datasheet
109Kb / 16P
   VHF power MOS transistor
1996 Oct 02
logo
Quanzhou Jinmei Electro...
BLF346_2015 JMNIC-BLF346_2015 Datasheet
94Kb / 16P
   VHF power MOS transistor
BLF244 JMNIC-BLF244_15 Datasheet
80Kb / 12P
   VHF power MOS transistor
BLF246 JMNIC-BLF246_15 Datasheet
75Kb / 12P
   VHF power MOS transistor
logo
NXP Semiconductors
BLF277 PHILIPS-BLF277 Datasheet
101Kb / 13P
   VHF power MOS transistor
September 1992
BLF225 PHILIPS-BLF225 Datasheet
69Kb / 12P
   VHF power MOS transistor
September 1992
BLF244 PHILIPS-BLF244 Datasheet
91Kb / 12P
   VHF power MOS transistor
September 1992
BLF147 NXP-BLF147 Datasheet
281Kb / 15P
   VHF power MOS transistor
Rev. 06-5 December 2006
logo
Quanzhou Jinmei Electro...
BLF245_2015 JMNIC-BLF245_2015 Datasheet
79Kb / 12P
   VHF power MOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com