Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO2611-X007T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VO2611-X007T
Description  High Speed Optocoupler, Single and Dual, 10 MBd
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO2611-X007T Datasheet(HTML) 1 Page - Vishay Siliconix

  VO2611-X007T Datasheet HTML 1Page - Vishay Siliconix VO2611-X007T Datasheet HTML 2Page - Vishay Siliconix VO2611-X007T Datasheet HTML 3Page - Vishay Siliconix VO2611-X007T Datasheet HTML 4Page - Vishay Siliconix VO2611-X007T Datasheet HTML 5Page - Vishay Siliconix VO2611-X007T Datasheet HTML 6Page - Vishay Siliconix VO2611-X007T Datasheet HTML 7Page - Vishay Siliconix VO2611-X007T Datasheet HTML 8Page - Vishay Siliconix VO2611-X007T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
6N137, VO2601, VO2611, VO2630, VO2631, VO4661
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 25-Sep-12
1
Document Number: 84732
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Speed Optocoupler, Single and Dual, 10 MBd
DESCRIPTION
The 6N137, VO2601, and VO2611 are single channel
10 MBd optocouplers utilizing a high efficient input LED
coupled with an integrated optical photodiode IC detector.
The detector has an open drain NMOS-transistor output,
providing less leakage compared to an open collector
Schottky clamped transistor output. The VO2630, VO2631,
and VO4661 are dual channel 10 MBd optocouplers. For the
single channel type, an enable function on pin 7 allows the
detector to be strobed. The internal shield provides a
guaranteed common mode transient immunity of 5 kV/μs for
the VO2601 and VO2631 and 15 kV/μs for the VO2611 and
VO4661. The use of a 0.1 μF bypass capacitor connected
between pin 5 and 8 is recommended.
FEATURES
• Choice of CMR performance of 15 kV/μs,
5 kV/μs, and 100 V/μs
• High speed: 10 MBd typical
• + 5 V CMOS compatibility
• Pure tin leads
• Guaranteed AC and DC performance over
temperature: - 40 °C to + 100 °C temperature range
• Meets IEC 60068-2-42 (SO2) and IEC 60068-2-43 (H2S)
requirements
• Low input current capability: 5 mA
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Microprocessor system interface
• PLC, ATE input/output isolation
• Computer peripheral interface
• Digital fieldbus isolation: CC-link, DeviceNet, profibus, SDS
• High speed A/D and D/A conversion
• AC plasma display panel level shifting
• Multiplexed data transmission
• Digital control power supply
• Ground loop elimination
AGENCY APPROVALS
• UL1577, file no. E52744 system code H, double protection
• cUL - file no. E52744, equivalent to CSA bulletin 5A
• DIN EN 60747-5-5 (VDE 0884-5) available with option 1
• BSI IEC 60950
• CQC GB8898-2001
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
NC
A
C
NC
V
CC
V
E
VO
GND
A1
C1
C2
A2
V
CC
VO1
VO2
GND
Single channel
Dual channel
6N137, VO2601, VO2611
VO2630, VO2631, VO4661
18921-15
ORDERING INFORMATION
V
O
26
01
-
X
0
#
#
T
PART NUMBER
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CHANNELS 1
CHANNELS 2
CMR (V/μs)
CMR (V/μs)
BSI, UL, cUL
1000
5000
15 000
1000
5000
15 000
DIP-8
6N137
VO2601
VO2611
VO2630
VO2631
VO4661
DIP-8, 400 mil, option 6
6N137-X006
VO2601-X006
VO2611-X006
VO2630-X006
VO2631-X006
VO4661-X006
SMD-8, option 7
6N137-X007T
VO2601-X007T VO2611-X007T VO2630-X007T VO2631-X007T VO4661-X007T
VDE, BSI, UL, cUL
1000
5000
15 000
1000
5000
15 000
DIP-8, 400 mil, option 6
-
VO2601-X016
VO2611-X016
-
-
-
SMD-8, option 7
-
VO2601-X017T VO2611-X017T
-
VO2631-X017T
-
10.16 mm
> 0.7 mm
7.62 mm
DIP-8
Option 7
Option 6


Similar Part No. - VO2611-X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2611-X007T VISHAY-VO2611-X007T Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
VO2611-X007T VISHAY-VO2611-X007T Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results

Similar Description - VO2611-X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
6N137 VISHAY-6N137_16 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com