Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO2611 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VO2611
Description  High Speed Optocoupler, Single and Dual, 10 MBd
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO2611 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VO2611 Datasheet HTML 2Page - Vishay Siliconix VO2611 Datasheet HTML 3Page - Vishay Siliconix VO2611 Datasheet HTML 4Page - Vishay Siliconix VO2611 Datasheet HTML 5Page - Vishay Siliconix VO2611 Datasheet HTML 6Page - Vishay Siliconix VO2611 Datasheet HTML 7Page - Vishay Siliconix VO2611 Datasheet HTML 8Page - Vishay Siliconix VO2611 Datasheet HTML 9Page - Vishay Siliconix VO2611 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
6N137, VO2601, VO2611, VO2630, VO2631, VO4661
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 25-Sep-12
8
Document Number: 84732
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 18 - Propagation Delay vs. Forward Current
Fig. 19 - Pulse Width Distortion vs. Ambient Temperature
Fig. 20 - Pulse Width Distortion vs. Forward Current
Fig. 21 - Rise and Fall Time vs. Ambient Temperature
Fig. 22 - Rise and Fall Time vs. Forward Current
Fig. 23 - Enable Propagation Delay vs. Ambient Temperature
0
20
40
60
80
100
120
511
13
15
I
F - Forward Current (mA)
17623
t
PLH, 4 kΩ
9
7
t
PLH, 1 kΩ
t
PLH, 350 Ω
t
PHL, 350 Ω
t
PHL, 1 kΩ
t
PHL, 4 kΩ
0
10
20
30
40
50
- 40
- 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
17624
R
L = 4 kΩ
R
L = 1 kΩ
R
L = 350 Ω
0
10
20
30
40
50
60
511
13
15
I
F - Forward Current (mA)
17625
R
L = 4 kΩ
9
7
R
L = 1 kΩ
R
L = 350 Ω
0
50
100
150
200
250
300
- 40
- 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
17626
t
r, RL = 4 kΩ
t
f, RL = 350 Ω
t
f, RL = 1 kΩ
t
f, RL = 4 kΩ
t
r, RL = 1 kΩ
t
r, RL = 350 Ω
0
50
100
150
200
250
300
511
13
15
I
F - Forward Current (mA)
17627
t
r, RL = 4 kΩ
9
7
t
r, RL = 1 kΩ
t
r, RL = 350 Ω
t
f, RL = 350 Ω
t
f, RL = 1 kΩ
t
f, RL = 4 kΩ
0
10
20
30
40
50
60
- 40
- 20
0
20
40
60
80
100
T
amb
- Ambient Temperature (°C)
17628
t
ELH = 4 kΩ
t
ELH = 350 Ω
t
EHL = 350 Ω
t
EHL = 4 kΩ
t
ELH = 1 kΩ
t
EHL = 1 kΩ


Similar Part No. - VO2611

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2611 VISHAY-VO2611 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
VO2611 VISHAY-VO2611 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
VO2611 VISHAY-VO2611 Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO2611 VISHAY-VO2611 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
VO2611 VISHAY-VO2611 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results

Similar Description - VO2611

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
6N137 VISHAY-6N137_16 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com