Electronic Components Datasheet Search |
|
B3533 Datasheet(PDF) 4 Page - TDK Electronics |
|
B3533 Datasheet(HTML) 4 Page - TDK Electronics |
4 / 11 page 4 December 20, 2012 B3533 433.20 / 434.64 MHz Please read cautions and warnings and important notes at the end of this document. SAW Components SAW Diplexer Data sheet Characteristics Channel 3 Temperature range for specification: T = –40 ˚C to +85 ˚C Terminating source impedance: ZS =50 Ω and matching network Terminating load impedance: ZL =50 Ω and matching network min. typ. @ 25 ˚C max. Center frequency fC — 433.20 — MHz Minimum insertion attenuation α min incl. loss in matching elements (QL = 42) — 2.3 3.0 dB excl. loss in matching elements — 2.0 2.7 dB Pass band (relative to α min) 433.14 ... 433.26 MHz — 0.5 1.5 dB 433.11 ... 433.29 MHz — 1.0 3.0 dB Relative attenuation (relative to α min) α rel 10.00 ... 410.00 MHz 52 58 — dB 410.00 ... 427.00 MHz 45 51 — dB 427.00 ... 431.40 MHz 25 31 — dB 431.40 ... 432.30 MHz 15 21 — dB 433.80 ... 434.50 MHz 10 16 — dB 434.50 ... 443.00 MHz 27 33 — dB 443.00 ... 500.00 MHz 42 48 — dB 500.00 ... 2500.00 MHz 52 58 — dB Impedance for pass band matching1) 1) Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match- ing network is calculated. The conjugate complex value of these characteristic impedances are the input and output impedances for flat passband. For more details we refer to EPCOS application note #4. Input: ZIN =RIN || CIN — 460 || 2.1 — Ω || pF Output: ZOUT =ROUT || COUT — 490 || 1.3 — Ω || pF |
Similar Part No. - B3533 |
|
Similar Description - B3533 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |