Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3770 Datasheet(PDF) 9 Page - TDK Electronics

Part # B3770
Description  SAW Components SAW filter Short range devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B3770 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B3770 Datasheet HTML 2Page - TDK Electronics B3770 Datasheet HTML 3Page - TDK Electronics B3770 Datasheet HTML 4Page - TDK Electronics B3770 Datasheet HTML 5Page - TDK Electronics B3770 Datasheet HTML 6Page - TDK Electronics B3770 Datasheet HTML 7Page - TDK Electronics B3770 Datasheet HTML 8Page - TDK Electronics B3770 Datasheet HTML 9Page - TDK Electronics B3770 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
December 21, 2012
B3770
426.075 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
References
Type
B3770
Ordering code
B39431B3770Z810
Marking and package
C61157-A7-A46
Packaging
F61074-V8167-Z000
Date codes
L_1126
S-parameters
B3770_NB.s2p
B3770_WB.s2p
See file header for port/pin assignment table.
Soldering profile
S_6001
RoHS compatible
RoHS-compatible means that products are compatible with the
requirements according to Art. 4 (substance restrictions) of Di-
rective 2011/65/EU of the European Parliament and of the
Council of June 8th, 2011, on the restriction of the use of certain
hazardous substances in electrical and electronic equipment
("Directive") with due regard to the application of exemptions as
per Annex III of the Directive in certain cases.
Matching coils
See Inductor pdf-catalog
http://www.tdk.co.jp/tefe02/coil.htm#aname1
and Data Library for circuit simulation
http://www.tdk.co.jp/etvcl/index.htm
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Systems, Acoustics, Waves Business Group
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2012. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B3770

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3770 EPCOS-B3770 Datasheet
84Kb / 6P
   SAW Components Low-loss Filter 426,075 MHz
More results

Similar Description - B3770

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B3733 TDK-B3733 Datasheet
104Kb / 10P
   SAW Components SAW filter Short range devices
B3735 TDK-B3735 Datasheet
100Kb / 10P
   SAW Components SAW filter Short range devices
B3739 TDK-B3739 Datasheet
104Kb / 11P
   SAW Components SAW filter Short range devices
B3749 TDK-B3749 Datasheet
96Kb / 10P
   SAW Components SAW filter Short range devices
B3774 TDK-B3774 Datasheet
108Kb / 10P
   SAW Components SAW filter Short range devices
B3784 TDK-B3784 Datasheet
103Kb / 10P
   SAW Components SAW filter Short range devices
B3791 TDK-B3791 Datasheet
80Kb / 8P
   SAW Components SAW filter Short range devices
B3934 TDK-B3934 Datasheet
98Kb / 10P
   SAW Components SAW filter Short range devices
B3962 TDK-B3962 Datasheet
89Kb / 10P
   SAW Components SAW filter Short range devices
B3300 TDK-B3300 Datasheet
142Kb / 10P
   SAW Components SAW filter Short range devices
B3742 TDK-B3742 Datasheet
101Kb / 10P
   SAW Components SAW filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com