Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3774 Datasheet(PDF) 3 Page - TDK Electronics

Part # B3774
Description  SAW Components SAW filter Short range devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B3774 Datasheet(HTML) 3 Page - TDK Electronics

  B3774 Datasheet HTML 1Page - TDK Electronics B3774 Datasheet HTML 2Page - TDK Electronics B3774 Datasheet HTML 3Page - TDK Electronics B3774 Datasheet HTML 4Page - TDK Electronics B3774 Datasheet HTML 5Page - TDK Electronics B3774 Datasheet HTML 6Page - TDK Electronics B3774 Datasheet HTML 7Page - TDK Electronics B3774 Datasheet HTML 8Page - TDK Electronics B3774 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
December 20, 2012
B3774
433.92 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –45 ˚C to +95 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
433.92
MHz
Minimum insertion attenuation
α
min
incl. loss in matching elements (QL = 47)
2.4
3.1
dB
excl. loss in matching elements
1.7
2.4
dB
Pass band (relative to
α
min)
433.77 ...
434.07 MHz
0.6
2.0
dB
433.74 ...
434.10 MHz
0.8
3.0
dB
433.70 ...
434.14 MHz
1.2
6.0
dB
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
414.00 MHz
53
57
dB
414.00 ...
426.00 MHz
48
53
dB
426.00 ...
430.50 MHz
24
28
dB
430.50 ...
431.72 MHz
30
35
dB
431.72 ...
431.97 MHz
40
52
dB
431.97 ...
432.07 MHz
30
52
dB
432.07 ...
432.12 MHz
25
52
dB
432.12 ...
433.10 MHz
15
18
dB
434.92 ...
444.00 MHz
15
20
dB
444.00 ...
500.00 MHz
40
45
dB
500.00 ... 1600.00 MHz
50
55
dB
1600.00 ... 2500.00 MHz
45
50
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
240 || 3.0
Ω || pF
Output: ZOUT =ROUT || COUT
240 || 3.0
Ω || pF


Similar Part No. - B3774

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3774 EPCOS-B3774 Datasheet
88Kb / 9P
   SAW filter 433.92 MHz
More results

Similar Description - B3774

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B3733 TDK-B3733 Datasheet
104Kb / 10P
   SAW Components SAW filter Short range devices
B3735 TDK-B3735 Datasheet
100Kb / 10P
   SAW Components SAW filter Short range devices
B3739 TDK-B3739 Datasheet
104Kb / 11P
   SAW Components SAW filter Short range devices
B3749 TDK-B3749 Datasheet
96Kb / 10P
   SAW Components SAW filter Short range devices
B3784 TDK-B3784 Datasheet
103Kb / 10P
   SAW Components SAW filter Short range devices
B3791 TDK-B3791 Datasheet
80Kb / 8P
   SAW Components SAW filter Short range devices
B3934 TDK-B3934 Datasheet
98Kb / 10P
   SAW Components SAW filter Short range devices
B3962 TDK-B3962 Datasheet
89Kb / 10P
   SAW Components SAW filter Short range devices
B3300 TDK-B3300 Datasheet
142Kb / 10P
   SAW Components SAW filter Short range devices
B3742 TDK-B3742 Datasheet
101Kb / 10P
   SAW Components SAW filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com