Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39431B3770Z810 Datasheet(PDF) 8 Page - TDK Electronics

Part # B39431B3770Z810
Description  SAW Components SAW filter Short range devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39431B3770Z810 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B39431B3770Z810 Datasheet HTML 2Page - TDK Electronics B39431B3770Z810 Datasheet HTML 3Page - TDK Electronics B39431B3770Z810 Datasheet HTML 4Page - TDK Electronics B39431B3770Z810 Datasheet HTML 5Page - TDK Electronics B39431B3770Z810 Datasheet HTML 6Page - TDK Electronics B39431B3770Z810 Datasheet HTML 7Page - TDK Electronics B39431B3770Z810 Datasheet HTML 8Page - TDK Electronics B39431B3770Z810 Datasheet HTML 9Page - TDK Electronics B39431B3770Z810 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
December 21, 2012
B3770
426.075 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
ESD protection of SAW filters
SAW filters are Electro Static Discharge sensitive devices. To reduce the probability of damages
caused by ESD, special matching topologies have to be applied.
In general, “ESD matching” has to be ensured at that filter port, where electrostatic discharge is
expected.
Electrostatic discharges predominantly appear at the antenna input of RF receivers. Therefore
only the input matching of the SAW filter has to be designed to short circuit or to block the ESD
pulse.
Below two figures show recommended “ESD matching” topologies.
Depending on the input impedance of the SAW filter and the source impedance, the needed
component values have to be determined from case to case.
Fig. 1 MLC varistor plus ESD matching
Fig. 2 Suppressor diode plus ESD matching
In cases where minor ESD occur, following simplified “ESD matching” topologies can be used
alternatively.
Fig. 3 shunt L – series L matching
Fig. 4 series C – shunt L matching
Effectiveness of the applied ESD protection has to be checked according to relevant industry
standards or customer specific requirements.
For further information, please refer to EPCOS Application report:
“ESD protection for SAW filters”. This report can be found under www.epcos.com/rke. Click on
“data sheets” and then “Applications” under category “Further information”.
Lp2
Ls3
to output
matching
Lp2
Ls3
Dp1
matching
to output
Lp1
Ls2
matching
to output
Lp2
Cs1
matching
to output


Similar Part No. - B39431B3770Z810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39431B3771Z810 EPCOS-B39431B3771Z810 Datasheet
79Kb / 9P
   SAW filter 434.42 MHz
B39431B3774Z810 EPCOS-B39431B3774Z810 Datasheet
88Kb / 9P
   SAW filter 433.92 MHz
logo
TDK Electronics
B39431B3774Z810 TDK-B39431B3774Z810 Datasheet
118Kb / 10P
   SAW Components SAW filter
More results

Similar Description - B39431B3770Z810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B3733 TDK-B3733 Datasheet
104Kb / 10P
   SAW Components SAW filter Short range devices
B3735 TDK-B3735 Datasheet
100Kb / 10P
   SAW Components SAW filter Short range devices
B3739 TDK-B3739 Datasheet
104Kb / 11P
   SAW Components SAW filter Short range devices
B3749 TDK-B3749 Datasheet
96Kb / 10P
   SAW Components SAW filter Short range devices
B3774 TDK-B3774 Datasheet
108Kb / 10P
   SAW Components SAW filter Short range devices
B3784 TDK-B3784 Datasheet
103Kb / 10P
   SAW Components SAW filter Short range devices
B3791 TDK-B3791 Datasheet
80Kb / 8P
   SAW Components SAW filter Short range devices
B3934 TDK-B3934 Datasheet
98Kb / 10P
   SAW Components SAW filter Short range devices
B3962 TDK-B3962 Datasheet
89Kb / 10P
   SAW Components SAW filter Short range devices
B3300 TDK-B3300 Datasheet
142Kb / 10P
   SAW Components SAW filter Short range devices
B3742 TDK-B3742 Datasheet
101Kb / 10P
   SAW Components SAW filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com