Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3941 Datasheet(PDF) 5 Page - TDK Electronics

Part # B3941
Description  SAW Components SAW filter Short range devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B3941 Datasheet(HTML) 5 Page - TDK Electronics

  B3941 Datasheet HTML 1Page - TDK Electronics B3941 Datasheet HTML 2Page - TDK Electronics B3941 Datasheet HTML 3Page - TDK Electronics B3941 Datasheet HTML 4Page - TDK Electronics B3941 Datasheet HTML 5Page - TDK Electronics B3941 Datasheet HTML 6Page - TDK Electronics B3941 Datasheet HTML 7Page - TDK Electronics B3941 Datasheet HTML 8Page - TDK Electronics B3941 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
February 05, 2013
B3941
868.95 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Matching network to 50
Ω (element values depend on pcb layout and equivalent circuit)
Minimising the crosstalk
For a good ultimate rejection a low crosstalk is necessary. Low crosstalk can be realised with a good
RF layout. The major crosstalk mechanism is caused by the “ground-loop” problem.
Grounding loops are created if input-and output transducer GND are connected on the top-side of
the PCB and fed to the system grounding plane by a common via hole. To avoid the common
ground path, the ground pin of the input- and output transducer are fed to the system ground plane
(bottom PCB plane) by their own via hole. The transducers’ grounding pins should be isolated from
the upper grounding plane.
A common GND inductivity of 0.5nH degrades the ultimate rejection (crosstalk) by 20dB.
The optimised PCB layout, including matching network for transformation to 50 Ohm, is shown
here. In this PCB layout the grounding loops are minimised to realise good ultimate rejection
Optimised PCB layout for SAW filters in DCC6E package, pinning 1,4 (top side, scale 1:1)
The bottom side is a copper plane (system ground area). The input and output grounding pins are
isolated and connected to the common ground by separated via holes.
For good contact of the upper grounding area with the lower side it is necessary to place enough
via holes.
Cp1 = 2.2 pF
Ls2 = 18 nH
Ls3 = 18 nH
Cp4 = 2.2 pF


Similar Part No. - B3941

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39401-B3823-Z810 EPCOS-B39401-B3823-Z810 Datasheet
59Kb / 6P
   SAW Components Low-loss Filter 397,5 MHz
B39401-B3830-Z810 EPCOS-B39401-B3830-Z810 Datasheet
71Kb / 7P
   SAW Components Low-loss Filter 395,0 MHz
B39401-B4832-U310 EPCOS-B39401-B4832-U310 Datasheet
101Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 400,0 MHz
B39401-B5002-U310 EPCOS-B39401-B5002-U310 Datasheet
69Kb / 7P
   SAW Components Low-Loss Filter 398,0 MHz
B39401-B7301-A910 EPCOS-B39401-B7301-A910 Datasheet
99Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 400,0 MHz
More results

Similar Description - B3941

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B3733 TDK-B3733 Datasheet
104Kb / 10P
   SAW Components SAW filter Short range devices
B3735 TDK-B3735 Datasheet
100Kb / 10P
   SAW Components SAW filter Short range devices
B3739 TDK-B3739 Datasheet
104Kb / 11P
   SAW Components SAW filter Short range devices
B3749 TDK-B3749 Datasheet
96Kb / 10P
   SAW Components SAW filter Short range devices
B3774 TDK-B3774 Datasheet
108Kb / 10P
   SAW Components SAW filter Short range devices
B3784 TDK-B3784 Datasheet
103Kb / 10P
   SAW Components SAW filter Short range devices
B3791 TDK-B3791 Datasheet
80Kb / 8P
   SAW Components SAW filter Short range devices
B3934 TDK-B3934 Datasheet
98Kb / 10P
   SAW Components SAW filter Short range devices
B3962 TDK-B3962 Datasheet
89Kb / 10P
   SAW Components SAW filter Short range devices
B3300 TDK-B3300 Datasheet
142Kb / 10P
   SAW Components SAW filter Short range devices
B3742 TDK-B3742 Datasheet
101Kb / 10P
   SAW Components SAW filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com