Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39431B3960B210 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39431B3960B210
Description  SAW Components SAW RF filter Short range devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39431B3960B210 Datasheet(HTML) 3 Page - TDK Electronics

  B39431B3960B210 Datasheet HTML 1Page - TDK Electronics B39431B3960B210 Datasheet HTML 2Page - TDK Electronics B39431B3960B210 Datasheet HTML 3Page - TDK Electronics B39431B3960B210 Datasheet HTML 4Page - TDK Electronics B39431B3960B210 Datasheet HTML 5Page - TDK Electronics B39431B3960B210 Datasheet HTML 6Page - TDK Electronics B39431B3960B210 Datasheet HTML 7Page - TDK Electronics B39431B3960B210 Datasheet HTML 8Page - TDK Electronics B39431B3960B210 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
May 15, 2013
B3960
433.92 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –45 ˚C to +95 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
433.92
MHz
Minimum insertion attenuation
α
min
incl. loss in matching elements (QL = 47)
2.3
2.9
dB
excl. loss in matching elements
1.8
2.4
dB
Pass band (relative to
α
min)
433.77 ...
434.07 MHz
0.6
2.0
dB
433.75 ...
434.09 MHz
0.8
3.0
dB
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
414.00 MHz
47
52
dB
414.00 ...
427.00 MHz
43
48
dB
427.00 ...
432.50 MHz
29
34
dB
432.50 ...
433.10 MHz
13
17
dB
434.92 ...
436.00 MHz
20
25
dB
436.00 ...
450.00 MHz
25
30
dB
450.00 ...
500.00 MHz
42
47
dB
500.00 ...
810.00 MHz
47
52
dB
810.00 ... 1500.00 MHz
60
65
dB
1500.00 ... 2500.00 MHz
58
63
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #18.
Input:
ZIN
=RIN
|| CIN
360 || 1.7
Ω || pF
Output: ZOUT =ROUT || COUT
360 || 2.2
Ω || pF


Similar Part No. - B39431B3960B210

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39431B3960B210 EPCOS-B39431B3960B210 Datasheet
83Kb / 10P
   SAW RF filter Short range devices
More results

Similar Description - B39431B3960B210

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B3948 TDK-B3948 Datasheet
145Kb / 10P
   SAW Components SAW RF filter Short range devices
B3733 TDK-B3733 Datasheet
104Kb / 10P
   SAW Components SAW filter Short range devices
B3735 TDK-B3735 Datasheet
100Kb / 10P
   SAW Components SAW filter Short range devices
B3739 TDK-B3739 Datasheet
104Kb / 11P
   SAW Components SAW filter Short range devices
B3749 TDK-B3749 Datasheet
96Kb / 10P
   SAW Components SAW filter Short range devices
B3774 TDK-B3774 Datasheet
108Kb / 10P
   SAW Components SAW filter Short range devices
B3784 TDK-B3784 Datasheet
103Kb / 10P
   SAW Components SAW filter Short range devices
B3791 TDK-B3791 Datasheet
80Kb / 8P
   SAW Components SAW filter Short range devices
B3934 TDK-B3934 Datasheet
98Kb / 10P
   SAW Components SAW filter Short range devices
B3962 TDK-B3962 Datasheet
89Kb / 10P
   SAW Components SAW filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com