Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD3.9F Datasheet(PDF) 4 Page - NEC

Part # RD3.9F
Description  ZENER DIODES 1 W DO-41 GLASS SEALED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD3.9F Datasheet(HTML) 4 Page - NEC

  RD3.9F Datasheet HTML 1Page - NEC RD3.9F Datasheet HTML 2Page - NEC RD3.9F Datasheet HTML 3Page - NEC RD3.9F Datasheet HTML 4Page - NEC RD3.9F Datasheet HTML 5Page - NEC RD3.9F Datasheet HTML 6Page - NEC RD3.9F Datasheet HTML 7Page - NEC RD3.9F Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D13936EJ3V0DS00
4
RD2.0F to RD82F
TYPICAL CHARACTERISTICS (TA = 25
°°°°C)
Fig. 1 P-TA RATING
Fig. 2 IZ-VZ CHARACTERISTIC
1.2
1.0
0.8
0.6
0.4
0.2
20
0
40 60
80 100 120 140 160 180 200
Ambient Temperature TA (
°C)
= 20 mm
10 mm
5 mm
Fig. 3 IZ-VZ CHARACTERISTIC
Fig. 4 IZ-VZ CHARACTERISTIC
RD39F
RD36F
RD33F
RD30F
RD27F
RD24F
RD22F
RD20F
RD18F
RD15F
40
35
30
25
20 15
1000
800
600
400
200
20
40
60
80
0
Zener Voltage VZ (V)
TA = 25
°C
TYP.
VF (V)
0.5 1.0
PMAX.
Fig. 5
γγγγZ-VZ CHARACTERISTIC
Fig. 6
γγγγZ-VZ CHARACTERISTIC
0.1
0.08
0.06
0.04
0.02
0
−0.02
−0.04
−0.06
−0.08
40
32
24
16
8
0
−8
−16
−24
−32
−40
Zener Voltage VZ (V)
%/
°C
mV/
°C
0
4
8
12 16 20 242832 36 40 44
RD15F
RD12F
RD10F
RD8.2F
RD7.5F
RD6.8F
RD6.2F
RD5.1F
RD4.7F
RD3.9F
RD3.3F
RD2.7F
RD2.0F
VZ (V)
Zener Voltage VZ (V)
15
10
5
TA = 25
°C
TYP.
40
80
120
160
200
240
600
400
200
0 0.5 1.0
RD82F
RD68F
RD62F
RD56F
RD51F
RD47F
RD43F
PMAX.
600
400
200
2
4
6
8
10
12
14
16
18
20
22
Zener Voltage VZ (V)
70
60
50
40
80
90
100
TA = 25
°C
TYP.
RD75F
VF (V)
0 0.5
0.1
0.09
0.08
0.07
0.06
120
100
80
60
40
Zener Voltage VZ (V)
%/
°C
mV/
°C
40
50
60
70
80
90


Similar Part No. - RD3.9F

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD3.9F EIC-RD3.9F Datasheet
47Kb / 3P
   ZENER DIODES
logo
NEC
RD3.9FM NEC-RD3.9FM Datasheet
49Kb / 8P
   ZENER DIODES
logo
EIC discrete Semiconduc...
RD3.9FM EIC-RD3.9FM Datasheet
92Kb / 2P
   ZENER DIODES
More results

Similar Description - RD3.9F

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
DO-41 CDIL-DO-41 Datasheet
146Kb / 3P
   DO-41 Hermetically Sealed Glass Axial Package
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com