Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS37140 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # GMS37140
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS37140 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button GMS37140 Datasheet HTML 7Page - Hynix Semiconductor GMS37140 Datasheet HTML 8Page - Hynix Semiconductor GMS37140 Datasheet HTML 9Page - Hynix Semiconductor GMS37140 Datasheet HTML 10Page - Hynix Semiconductor GMS37140 Datasheet HTML 11Page - Hynix Semiconductor GMS37140 Datasheet HTML 12Page - Hynix Semiconductor GMS37140 Datasheet HTML 13Page - Hynix Semiconductor GMS37140 Datasheet HTML 14Page - Hynix Semiconductor GMS37140 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
1-6
- Built in feedback-
resistor about 1
Ð
OSC2
O
Pin
I/O
Note
(Option)
- Built in resonance capacitor
at kHz version
- C1=C2 = 100pF
²15%
[C1,C2 are not available
for MHz version]
OSC1
I
I/O circuit
- Built in damping-resistor
[No resistor in MHz operation]
OSC1
STOP
OSC2
C1
C2
Rf
Rd
Chapter 1. GMS36XXX


Similar Part No. - GMS37140

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS37140 HYNIX-GMS37140 Datasheet
1Mb / 110P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS37140T HYNIX-GMS37140T Datasheet
1Mb / 110P
   4-BIT SINGLE CHIP MICROCOMPUTERS
More results

Similar Description - GMS37140

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
   4-BIT SINGLE CHIP MICROCOMPUTERS
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS3637004 HYNIX-GMS3637004 Datasheet
1Mb / 110P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Sanyo Semicon Device
LM6417 SANYO-LM6417 Datasheet
221Kb / 2P
   NMOS 4-Bit Single-Chip Microcomputers
logo
Renesas Technology Corp
HD404019R RENESAS-HD404019R Datasheet
249Kb / 65P
   CMOS 4-bit single-chip microcomputers
logo
NEC
UPD7507 NEC-UPD7507 Datasheet
832Kb / 19P
   4 BIT SINGLE CHIP CMOS MICROCOMPUTERS
logo
Hitachi Semiconductor
HD404019 HITACHI-HD404019 Datasheet
3Mb / 69P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com