Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81C2112 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # GMS81C2112
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2112 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button GMS81C2112 Datasheet HTML 4Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 5Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 6Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 7Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 8Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 9Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 10Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 11Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
GMS81C2112/GMS81C2120
2
JUNE. 2001 Ver 1.00
1.3 Development Tools
The GMS81C21xx are supported by a full-featured macro
assembler, an in-circuit emulator CHOICE-Dr.TM and
OTP programmers. There are third different type program-
mers such as emulator add-on board type, single type, gang
type. For mode detail, Refer to “21. OTP PROGRAM-
MING” on page 83. Macro assembler operates under the
MS-Windows 95/98TM.
Please contact sales part of HynixSemiconductor.
1.4 Ordering Information
In Circuit
Emulators
CHOICE-Dr.
Socket Adapter
for OTP
OA87C21XX-42SD (42SDIP)
OA87C21XX-44QF (44MQFP)
POD
CHPOD81C21D-42SD (42SDIP)
CHPOD81C21D-40PD (40PDIP)
Assembler
HYNIX Macro Assembler
Device name
ROM Size
RAM size
Package
Mask version
GMS81C2112 K
GMS81C2112 Q
GMS81C2112
GMS81C2120 K
GMS81C2120 Q
GMS81C2120
12K bytes
12K bytes
12K bytes
20K bytes
20K bytes
20K bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
42SDIP
44MQFP
40PDIP
42SDIP
44MQFP
40PDIP
OTP version
GMS87C2120 K
GMS87C2120 Q
GMS87C2120
20K bytes OTP
20K bytes OTP
20K bytes OTP
448 bytes
448 bytes
448 bytes
42SDIP
44MQFP
40PDIP


Similar Part No. - GMS81C2112

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 92P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
More results

Similar Description - GMS81C2112

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com