Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS87C2020 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # GMS87C2020
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C2020 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button GMS87C2020 Datasheet HTML 7Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 8Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 9Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 10Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 11Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 12Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 13Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 14Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
Hyundai Micro Electronics
GMS81C2020/GMS81C2120
Nov. 1999 Ver 0.0
preliminary
11
7. PIN DESCRIPTIONS (GMS81C2020)
VDD: Supply voltage.
VSS: Circuit ground.
AVDD: Supply voltage to the ladder resistor of ADC cir-
cuit. To enhance the resolution of analog to digital convert-
er, use independent power source as well as possible, other
than digital power source.
AVSS: ADC circuit ground.
RESETB: Reset the MCU.
XI: Input to the inverting oscillator amplifier and input to
the internal clock operating circuit.
XO: Output from the inverting oscillator amplifier.
SXI: Input to the internal subsystem clock operating cir-
cuit. In addition, SXI serves the R74 pin when selected by
the code option.
SXO: Output from the inverting subsystem oscillator am-
plifier. In addition, SXO serves the R75 pin when selected
by the code option.
RA(Vdisp): RA is one-bit high-voltage input only port pin.
In addition, RA serves the functions of the Vdisp special
features. Vdisp is used as a high-voltage input power supply
pin when selected by the mask option..
R00~R07: R0 is an 8-bit high-voltage CMOS bidirectional
I/O port. R0 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs. In addition, R0
serves the functions of the various following special fea-
tures.
R10~R17: R1 is an 8-bit high-voltage CMOS bidirectional
I/O port. R1 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs.
R20~R27: R2 is an 8-bit high-voltage CMOS bidirectional
I/O port. R2 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs.
R30~R35: R3 is an 6-bit high-voltage CMOS bidirectional
I/O port. R3 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs.
R40~R43: R4 is an 8-bit CMOS bidirectional I/O port. R4
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. In addition, R4 serves the func-
tions of the following special features.
R50~R57: R5 is an 8-bit CMOS bidirectional I/O port. R5
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. In addition, R5 serves the func-
tions of the various following special features.
R60~R67: R6 is an 8-bit CMOS bidirectional I/O port. R6
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. In addition, R6 is shared with the
ADC input.
R70~R73: R7 is an 8-bit CMOS bidirectional I/O port. R6
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. In addition, R7 is shared with the
ADC input.
Port pin
Alternate function
RA
Vdisp (High-voltage input power supply)
Port pin
Alternate function
R00
R01
R02
R03
INT0 (External interrupt 0)
INT1 (External interrupt 1)
EC0 (Event counter input)
BUZO (Buzzer driver output)
Port pin
Alternate function
R40
T0O (Timer/Counter 0 output)
Port pin
Alternate function
R53
R54
R55
R56
SCLK (Serial clock)
SIN (Serial data input)
SOUT (Serial data output)
PWM1O (PWM1 Output)
T1O (Timer/Counter 1 output)
Port pin
Alternate function
R60
R61
R62
R63
R64
R66
R66
R67
AN0 (Analog Input 0)
AN1 (Analog Input 1)
AN2 (Analog Input 2)
AN3 (Analog Input 3)
AN4 (Analog Input 4)
AN5 (Analog Input 5)
AN6 (Analog Input 6)
AN7 (Analog Input 7)
Port pin
Alternate function
R70
R71
R72
R73
AN8 (Analog Input 8)
AN9 (Analog Input 9)
AN10 (Analog Input 10)
AN11 (Analog Input 11)


Similar Part No. - GMS87C2020

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS87C2020K HYNIX-GMS87C2020K Datasheet
1Mb / 107P
   HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
GMS87C2020K ETC1-GMS87C2020K Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
Hynix Semiconductor
GMS87C2020LQ HYNIX-GMS87C2020LQ Datasheet
1Mb / 107P
   HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
GMS87C2020LQ ETC1-GMS87C2020LQ Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
Hynix Semiconductor
GMS87C2020Q HYNIX-GMS87C2020Q Datasheet
1Mb / 107P
   HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS87C2020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS81C2012A ETC1-HMS81C2012A Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
NEC
UPD78C17 NEC-UPD78C17 Datasheet
793Kb / 110P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
Hynix Semiconductor
GMS81C3004 HYNIX-GMS81C3004 Datasheet
1Mb / 90P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
OKI electronic componet...
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
   8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com