Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRTA60040L Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBRTA60040L
Description  Low VF Silicon Power Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBRTA60040L Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBRTA60040L Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBRTA60040L Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBRTA60040L Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 40 V
IF(AV) = 600 A
Features
• High Surge Capability
Heavy Three Tower Package
• Type 40 V VRRM
• Isolation Type Package
• Electrically Isolated Base Plate
• Not ESD Sensitive
Parameter
MBRTA60040(R)L
Unit
40
V
28
V
40
V
Conditions
Symbol
VRRM
VRMS
V
Maximum recurrent peak reverse voltage
Maximum RMS voltage
M i
DC bl ki
lt
Low VF Silicon Power
Schottky Diode
MBRTA60040(R)L
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
40
V
-55 to 150
°C
-55 to 150
°C
Parameter
MBRTA60040(R)L
Unit
600
A
4000
A
0.60
5
350
Thermal characteristics
Maximum thermal resistance,
junction - case
(per leg)
0.28
°C/W
Maximum instantaneous forward voltage (per
leg)
Maximum instantaneous reverse
current at rated DC blocking voltage
(per leg)
IR
Tj = 100 °C
tp = 8.3 ms, half sine
IFSM
Peak forward surge current
(per leg)
IFM = 300 A, Tj = 25 °C
Tj = 25 °C
VF
Storage temperature
TC = 100 °C
VDC
Tj
Average forward current (per pkg)
IF(AV)
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Conditions
Tstg
Symbol
Maximum DC blocking voltage
mA
V
R
ΘJC
Operating temperature
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBRTA60040L

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBRTA60040R GENESIC-MBRTA60040R Datasheet
400Kb / 3P
   High Surge Capability
More results

Similar Description - MBRTA60040L

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBRH15035L GENESIC-MBRH15035L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH15040L GENESIC-MBRH15040L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20030L GENESIC-MBRH20030L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20035L GENESIC-MBRH20035L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20040L GENESIC-MBRH20040L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH30020L GENESIC-MBRH30020L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH30035L GENESIC-MBRH30035L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRT60040L GENESIC-MBRT60040L Datasheet
605Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRT60045L GENESIC-MBRT60045L Datasheet
605Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRTA40020L GENESIC-MBRTA40020L Datasheet
458Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRTA60020L GENESIC-MBRTA60020L Datasheet
458Kb / 3P
   Low VF Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com