Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81C5016 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GMS81C5016
Description  8-BIT SINGLE CHIP MICROCONTROLLERS
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C5016 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GMS81C5016 Datasheet HTML 1Page - Hynix Semiconductor GMS81C5016 Datasheet HTML 2Page - Hynix Semiconductor GMS81C5016 Datasheet HTML 3Page - Hynix Semiconductor GMS81C5016 Datasheet HTML 4Page - Hynix Semiconductor GMS81C5016 Datasheet HTML 5Page - Hynix Semiconductor GMS81C5016 Datasheet HTML 6Page - Hynix Semiconductor GMS81C5016 Datasheet HTML 7Page - Hynix Semiconductor GMS81C5016 Datasheet HTML 8Page - Hynix Semiconductor GMS81C5016 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 99 page
background image
HYUNDAI
GMS81C50 Series
1
GMS81C50 Series
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
FOR UR (Universal Remocon) & KEYBOARD
1. OVERVIEW
1.1 Description
The GMS81C50 Series is an advanced CMOS 8-bit microcontroller with 16K/24K/32K bytes of ROM. The device is one of
GMS800 family. The LG Semicon GMS81C50 Series is a powerful microcontroller which provides a highly flexible and
cost effective solution to many UR & Keyboard applications. The GMS81C50 Series provides the following standard fea-
tures: 16K/24K/32K bytes of ROM, 448 bytes of RAM, 8-bit timer/counter, on-chip oscillator and clock circuitry. In addi-
tion, the GMS81C50 Series supports power saving modes to reduce power consumption.
1.2 Features
• Instruction Cycle Time:
- 1us at 4MHz
• Programmable I/O pins
• Operating Voltage
- 2.2 ~ 4.0 V @ 4MHz
•Timer
- Timer / Counter
......... 16 Bit * 1 ch
......... 8 Bit * 2 ch
- Basic Interval Timer ...... 8 Bit * 1 ch
- Watch Dog Timer ............ 6Bit * 1ch
• 8 Interrupt sources
* Nested Interrupt control is available.
- External input: 2
- Keyscan input
- Basic Interval Timer
- Watchdog timer
- Timer : 3
• Power On Reset
• Power saving Operation Modes
- STOP
- SLEEP
• Low Voltage Detection Circuit
• Watch Dog Timer Auto Start (During 1second
after Power on Reset)
1.3 Development Tools
The GMS81C50 Series is supported by a full-featured
Device Name
ROM Size
RAM Size
Package
GMS81C5016
16K Bytes
448 Bytes
( included
256 bytes
stack memory )
28 SOP
28 Skinny DIP
40 PDIP
44 PLCC
44 QFP
GMS81C5024
24K Bytes
GMS81C5032
32K Bytes
28 PIN
40 PIN
44 PIN
INPUT
3
3
3
OUTPUT
2
2
2
I/O
21
33
33


Similar Part No. - GMS81C5016

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
More results

Similar Description - GMS81C5016

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com