Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  MPEG I/II-Layer 3 Hardwired Decoder
Download  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT83SND2CMP3B_14 Datasheet HTML 5Page - ATMEL Corporation AT83SND2CMP3B_14 Datasheet HTML 6Page - ATMEL Corporation AT83SND2CMP3B_14 Datasheet HTML 7Page - ATMEL Corporation AT83SND2CMP3B_14 Datasheet HTML 8Page - ATMEL Corporation AT83SND2CMP3B_14 Datasheet HTML 9Page - ATMEL Corporation AT83SND2CMP3B_14 Datasheet HTML 10Page - ATMEL Corporation AT83SND2CMP3B_14 Datasheet HTML 11Page - ATMEL Corporation AT83SND2CMP3B_14 Datasheet HTML 12Page - ATMEL Corporation AT83SND2CMP3B_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 242 page
background image
9
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Table 4-11.
A/D Converter Signal Description (AT8XSND2CMP3B only)
Table 4-12.
External Access Signal Description
Note:
1. For ROM/Flash/ROMless Dice product versions only.
Table 4-13.
System Signal Description
Signal
Name
Type
Description
Alternate
Function
AIN1:0
I
A/D Analog Inputs
-
ADCREFP
I
Analog Positive Voltage Reference Input
-
ADCREFN
I
Analog Negative Voltage Reference Input
-
Signal
Name
Type
Description
Alternate
Function
A15:8
I/O
Address Lines
Upper address lines for the external bus.
Multiplexed higher address and data lines for the IDE interface.
P2.7:0
AD7:0
I/O
Address/Data Lines
Multiplexed lower address and data lines for the external memory or the IDE
interface.
P0.7:0
ALE
O
Address Latch Enable Output
ALE signals the start of an external bus cycle and indicates that valid address
information is available on lines A7:0. An external latch is used to demultiplex
the address from address/data bus.
-
ISP
I/O
ISP Enable Input (AT89C51SND2C Only)
This signal must be held to GND through a pull-down resistor at the falling
reset to force execution of the internal bootloader.
-
RD
O
Read Signal
Read signal asserted during external data memory read operation.
P3.7
WR
O
Write Signal
Write signal asserted during external data memory write operation.
P3.6
EA(1)
I
External Access Enable: EA must be externally held low to enable the device
to fetch code from external program memory locations 0000H to FFFFH (RD).
-
Signal
Name
Type
Description
Alternate
Function
RST
I
Reset Input
Holding this pin high for 64 oscillator periods while the oscillator is running
resets the device. The Port pins are driven to their reset conditions when a
voltage lower than V
IL is applied, whether or not the oscillator is running.
This pin has an internal pull-down resistor which allows the device to be reset
by connecting a capacitor between this pin and V
DD.
Asserting RST when the chip is in Idle mode or Power-Down mode returns the
chip to normal operation.
-
TST
I
Test Input
Test mode entry signal. This pin must be set to V
DD.
-


Similar Part No. - AT83SND2CMP3B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83SND2CMP3B ATMEL-AT83SND2CMP3B Datasheet
2Mb / 241P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
More results

Similar Description - AT83SND2CMP3B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83SND2C ATMEL-AT83SND2C_14 Datasheet
2Mb / 242P
   MPEG I/II-Layer 3 Hardwired Decoder
AT80SND2CMP3B ATMEL-AT80SND2CMP3B_14 Datasheet
2Mb / 242P
   MPEG I/II-Layer 3 Hardwired Decoder
AT83SND1C ATMEL-AT83SND1C_14 Datasheet
462Kb / 42P
   MPEG I/II-Layer 3 Hardwired Decoder
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
   MPEG Audio Layer III Decoder
logo
Micronas
MAS3507D MICRONAS-MAS3507D Datasheet
867Kb / 60P
   MPEG 1/2 Layer 2/3 Audio Decoder
logo
STMicroelectronics
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
   MPEG 2.5 LAYER III AUDIO DECODER
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
   MPEG 2.5 LAYER III AUDIO DECODER
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
   MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
STA015 STMICROELECTRONICS-STA015_04 Datasheet
720Kb / 55P
   MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
STA015 STMICROELECTRONICS-STA015_10 Datasheet
1Mb / 56P
   MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com