Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81C5108 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # GMS81C5108
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C5108 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button GMS81C5108 Datasheet HTML 5Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 6Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 7Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 8Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 9Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 10Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 11Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 12Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
GMS81C5108
6
JUNE 2001 Ver 1.0
5. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
AVDD: Supply voltage to the ladder resistor of ADC cir-
cuit. To enhance the resolution of analog to digital convert-
er, use independent power source as well as possible, other
than digital power source.
AVSS: ADC circuit ground
RESET: Reset the MCU.
WDTOUT: Output for detection of a program malfunc-
tion. If the user wants to use this pin, connect it to the RE-
SET pin.
REMOUT: Signal output of an infrared remote controller.
XIN: Input to the inverting oscillator amplifier and input to
the internal main clock operating circuit.
XOUT: Output from the inverting oscillator amplifier.
SXIN: Input to the internal sub system clock operating cir-
cuit.
SXOUT: Output from the inverting subsystem oscillator
amplifier.
SEG0~SEG36: Segment signal output pins for the LCD
display. See "19. LCD DRIVER" on page 71 for details.
COM0~COM3: Common signal output pins for the LCD
display. See "19. LCD DRIVER" on page 71 for details.
SEG34~SEG36 and COM1~COM3 are selected by LCDD
of the LCR register.
R00~R07: R0 is an 8-bit CMOS bidirectional I/O port. R0
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. Also, pull-up resistors and open-
drain outputs can be assigned by software.
In addition, R0 serves the functions of the various follow-
ing special features.
R10~R17: R1 is an 8-bit CMOS bidirectional I/O port. R1
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs or schmitt trigger inputs. Also, pull-
up resistors and open-drain outputs can be assigned by software.
In addition, R1 serves the functions of the various follow-
ing special features.
R20~R23: R2 is a 4-bit CMOS bidirectional I/O port. Each
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. Also, pull-up resistors and open-
drain outputs can be assigned by software.
In addition, R2 serves the functions of the various follow-
ing special features
.
R30~R33: R3 is a 4-bit CMOS bidirectional I/O port. Each
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. Also, pull-up resistors and open-
drain outputs can be assigned by software.
In addition, R3 serves the functions of the various follow-
ing special features
.
VCL0~VCL2: Power supply pins for the LCD driver. The
voltage on each pin is VCL2
> VCL1> VCL0. See "19.
LCD DRIVER" on page 71 for details.
VLCDC: LCD drive voltage booster reference.
CAPH, CAPL: LCD drive voltage booster capacitor.
VREG: Output of the voltage regular for the sub clock os-
cillation circuit. Connect external 0.1uF capacitor to this
pin when using the sub system clock.
Port pin
Alternate function
R00
R01
R02
R03
R04
R05
R06
R07
INT0 (External interrupt 0)
INT1 (External interrupt 1)
INT2 (External interrupt 2)
Event counter input
Buzzer Output
SCK (SPI CLK Input/Output)
SO (SPI Serial Data Output)
SI (SPI Serial Data Input)
Port pin
Alternate function
R10
R11
R12
R13
R14
R15
R16
R17
KS0 (Key scan input 0)
KS1 (Key scan input 1)
KS2 (Key scan input 2)
KS3 (Key scan input 3)
KS4 (Key scan input 4)
KS5 (Key scan input 5)
KS6 (Key scan input 6)
KS7 (Key scan input 7)
Port pin
Alternate function
R20
R21
R22
R23
AN0 (Analog Input Port0)
AN1 (Analog Input Port1)
AN2 (Analog Input Port2)
AN3 (Analog Input Port3)
Port pin
Alternate function
R31
PWM (PWM Output)


Similar Part No. - GMS81C5108

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C50 HYNIX-GMS81C50 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5024 HYNIX-GMS81C5024 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5024 HYNIX-GMS81C5024 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
More results

Similar Description - GMS81C5108

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com