Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81C7008 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # GMS81C7008
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C7008 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button GMS81C7008 Datasheet HTML 2Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 3Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 4Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 5Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 6Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 7Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 8Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 9Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 123 page
background image
GMS81C7008/7016
2
APR., 2001 Ver 2.01
- Power fail processor
- Built in Noise filter
• 64SDIP, 64LQFP package types
• Available 16K bytes OTP version
1.3 Development Tools
Note: There are several setting switches in the Emulator.
User should read carefully and do setting properly before
developing the program refer to "24.2 Emulator EVA. Board
Setting" on page 90. Otherwise, the Emulator may not work
properly.
The GMS81C7008/16 is supported by a full-featured macro as-
sembler, an in-circuit emulator CHOICE-Dr.TM and OTP pro-
grammers. There are two different type programmers, one is
single type, another is gang type. For more detail, refer to OTP
Programming chapter. Macro assembler operates under the MS-
Windows 95/98TM.
Please contact sales part of Hynix semiconductor.
1.4 Ordering Information
Software
- MS- Window base assembler
- Linker / Editor / Debugger
Hardware
(Emulator)
- CHOICE-Dr.
- CHOICE-Dr. EVA 81C51/81C7X B/D
OTP program-
mer
- CHOICE-SIGMA (Single type)
- CHOICE-GANG4 (4-gang type)
Device name
ROM Size (bytes)
RAM size
Package
Mask ROM version
GMS81C7008 K
GMS81C7016 K
GMS81C7008 Q
GMS81C7016 Q
8K bytes
16K bytes
8K bytes
16K bytes
448 bytes
448 bytes
448 bytes
448 bytes
64SDIP
64SDIP
64MQFP
64MQFP
OTP ROM version
GMS87C7016 K
GMS87C7016 Q
16K bytes OTP
16K bytes OTP
448 bytes
448 bytes
64SDIP
64MQFP


Similar Part No. - GMS81C7008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMS81C7208 ETC1-GMS81C7208 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7208LQ ETC1-GMS81C7208LQ Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7208Q ETC1-GMS81C7208Q Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7216LQ ETC1-GMS81C7216LQ Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS81C7008

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com