Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS87C1102 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 6Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 7Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 8Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 9Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 10Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 11Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 12Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 13Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
GMS87C1102 / GMS87C1202
HYUNDAI MicroElectronics
10
Oct. 1999 ver 1.0
10. ELECTRICAL CHARACTERISTICS
10.1 Absolute Maximum Ratings
Supply voltage ........................................... -0.3 to +6.5 V
Storage Temperature ................................-40 to +125
°C
Voltage on any pin with respect to Ground (VSS)
............................................................... -0.3 to VDD+0.3
Maximum current out of VSS pin ........................200 mA
Maximum current into VDD pin ..........................150 mA
Maximum current sunk by (IOL per I/O Pin) ........25 mA
Maximum output current sourced by (IOH per I/O Pin)
...............................................................................15 mA
Maximum current (
ΣIOL) .................................... 150 mA
Maximum current (
ΣIOH).................................... 100 mA
Note: Stresses above those listed under "Absolute Maxi-
mum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional op-
eration of the device at any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods
may affect device reliability.
10.2 Recommended Operating Conditions
Parameter
Symbol
Condition
Specifications
Unit
Min.
Max.
Supply Voltage
VDD
fXIN=12MHz
4.5
6.0
V
fXIN=4.2MHz
2.7
6.0
Operating Frequency
fXIN
VDD=4.5~6.0V
112
MHz
VDD=2.7~6.0V
14.2
Operating Temperature
TOPR
GMS87C1102/GMS87C1202
-20
85
°C
GMS87C1102E/GMS87C1202E
-40
125


Similar Part No. - GMS87C1102

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS87C1102 HYNIX-GMS87C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS87C1102

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com