Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG-5031CJ Datasheet(PDF) 1 Page - Epson Company

Part # TG-5031CJ
Description  TCXO/VC-TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

TG-5031CJ Datasheet(HTML) 1 Page - Epson Company

  TG-5031CJ Datasheet HTML 1Page - Epson Company TG-5031CJ Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Crystal oscillator
Specifications (characteristics)
Item
Symbol
VC-TCXO
TCXO
Conditions / Remarks
Output frequency range
f0
13 MHz, 19.2 MHz, 26 MHz and 38.4 MHz
Standard frequency
13.000 MHz to 52.000 MHz
TG-5031CJ/TG5021CG
10.000 MHz to 40.000 MHz
TG-5021CE
Supply voltage
VCC
1.8 V
0.1 V (Range :1.7 V to 3.3 V)
TG-5031CJ
2.8 V
0.14 V (Range :2.3 V to 3.6 V)
TG-5021CG/TG5021CE
Storage temperature
T_stg
-40
C to +85 C
Storage as single product.
Operating temperature
T_use
-30
C to +85 C
Frequency tolerance
f_tol
±2.0 ×10
-6 Max.
After reflow, +25
C
Frequency/temperature
characteristics
f0-TC
2.0  10-6 Max. / -30 C to +85 C
Frequency/load coefficient
f0-Load
±0.2 × 10
-6 Max.
10 k
 // 10 pF ±10 %
Frequency/voltage coefficient
f0-VCC
±0.2 ×10
-6 Max.
VCC =1.8 V
0.1 V (TG-5031CJ)
VCC =2.8 V
0.14 V (TG-5021CG/CE)
Frequency aging
f_age
±1.0 ×10
-6 Max.
+25 °C , First year,10 MHz≦f0≦40 MHz
±1.5 ×10
-6 Max.
+25 °C , First year,40 MHz<f0≦52 MHz
Current consumption
ICC
2.0 mA Max.
Input resistance
Rin
500 k
 Min.
-
VC- GND (DC)
Frequency control range
f_cont
5.0  10-6 to 12.0  10-6
-
VC=0.9 V
0.6 V (VCC =1.8 V)
VC=1.4 V
1.0 V (VCC =2.8 V)
Frequency change polarity
-
Positive polarity
-
Symmetry
SYM
40 % to 60 %
GND level (DC cut)
Output voltage
VPP
0.8 V Min.
Peak to Peak
Output load condition
Load_R
10 k
DC cut capacitor = 0.01 µF
Load_C
10 pF
* Note : Please contact us for requirements not listed in this specification.
Product Name
TG-5031 CJ-***
26.000000MHz
(Standard form)
② ③
①Model
②Package type ③Spec segment (Please contact us)
④Frequency
External dimensions
(Unit: mm)
Footprint (Recommended)
(Unit: mm)
TCXO/VC-TCXO
TG - 5031CJ/
TG - 5021CG/CE
Frequency range
:
13 MHz to 52 MHz
(TG-5031CJ/TG-5021CG)
10 MHz to 40MHz (TG-5021CE)
Supply voltage
:
1.8 V Typ. (TG-5031CJ)
:
2.8 V Typ. (TG-5021CG/CE)
Frequency / temperature characteristics
:
±2.0× 10
-6 Max.
Applications
:
Wireless communication devices
(CDMA, WCDMA, LTE, WiMAX, other)
Features
:
Low phase noise
Product Number (Please contact us)
TG-5031CJ : X1G003891xxxx00
TG-5021CG : X1G003581xxxx00
TG-5021CE : X1G003821xxxx00
TG-5021CG
(2.5 × 2.0 × 0.8 mm)
TG-5031CJ
(2.0 × 1.6 × 0.73 mm)
TG-5021CE
(3.2 × 2.5 × 0.9 mm)
TG-5021CG
TG-5021CE
TG-5031CJ
To maintain stable operation, provide a 0.01uF to
0.1uF by-pass capacitor at a location as near as
possible to the power source terminal of the crystal
product (between VCC - GND).
Size
TG-5031CJ
(2.0x1.6mm)
TG-5021CG
(2.5x2.0mm)
TG-5021CE
(3.2x2.5mm)
A
0.75
1.0
1.15
B
0.6
0.8
0.85
C
1.13
1.4
1.6
D
1.65
2.1
2.6
Pin map
Pin
Connection
VC-TCXO
TCXO
1
VC
N.C.
2
GND
3
OUT
4
VCC
a
Size
TG-5031CJ
TG-5021CG TG-5021CE
a
2.0±0.15
2.5±0.2
3.2±0.2
b
1.6±0.15
2.0±0.2
2.5±0.2
c
0.73±0.07
0.8±0.1
0.9±0.1
(d)
0.27
0.46
0.46
TG-5021CE
TG-5021CG
<Bottom View>
#4
C0.2
1.5
#2
0.5
#3
#1
2.1
1.95
(0.57)
C0.27
#4
#3
#2
#1
TG-5031CJ
1.2
1.58
C0.15
#1
#2
#3
#4
D
B


Similar Part No. - TG-5031CJ

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5035CE EPSON-TG-5035CE Datasheet
374Kb / 2P
   HIGH STABILITY
logo
Epson ToYoCom
TG-5035CE EPSONTOYOCOM-TG-5035CE Datasheet
518Kb / 2P
   Crystal Oscillator
TG-5035CG EPSONTOYOCOM-TG-5035CG Datasheet
518Kb / 2P
   Crystal Oscillator
logo
Epson Company
TG-5035CJ EPSON-TG-5035CJ Datasheet
452Kb / 2P
   HIGH STABILITY
logo
Epson ToYoCom
TG-5035CJ EPSONTOYOCOM-TG-5035CJ Datasheet
518Kb / 2P
   Crystal Oscillator
More results

Similar Description - TG-5031CJ

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
VC-TXO-35SM ECS-VC-TXO-35SM Datasheet
369Kb / 1P
   VC-TCXO
VC-TXO-39SMX ECS-VC-TXO-39SMX Datasheet
97Kb / 2P
   VC-TCXO
logo
Seiko Instruments Inc
TG2016SBN SII-TG2016SBN Datasheet
648Kb / 2P
   TCXO/VC-TCXO HIGH STABILITY
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
   TCXO/VC-TCXO HIGH STABILITY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com