Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMK316BJ104ML-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # QMK316BJ104ML-T
Description  Medium-high Voltage Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QMK316BJ104ML-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  QMK316BJ104ML-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QMK316BJ104ML-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
Medium-high Voltage Multilayer Ceramic Capacitors
QMK316BJ104ML-T
Features
Item Summary
250V, X5R, 0.1μF, ±20%, 1206
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
1206/3216
Rated Voltage (max)
250V
Capacitance
0.1μF
Capacitance Tolerance
±20%
Resistance
100 MΩ・μF min.
Dielectric Loss Tangent
2.5%MAX
Temperature Characteristics (EIA/JIS)
X5R/B
Temperature Range (EIA/JIS)
-55 to +85℃/-25 to +85℃
Capacitance Change (EIA/JIS)
±15/±10%
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
3.2mm ±0.15
W
1.6mm ±0.15
T
1.6mm ±0.20
e
0.5mm +0.35:-0.25
2015.01.12
1 / 1


Similar Part No. - QMK316BJ104ML-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
QMK316BJ104KL-T TAIYO-YUDEN-QMK316BJ104KL-T Datasheet
316Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
More results

Similar Description - QMK316BJ104ML-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HMK107B7152KA-T TAIYO-YUDEN-HMK107B7152KA-T Datasheet
312Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
HMK107B7332MA-T TAIYO-YUDEN-HMK107B7332MA-T Datasheet
313Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
HMK107B7472MA-T TAIYO-YUDEN-HMK107B7472MA-T Datasheet
313Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
HMK432B7155KM-T TAIYO-YUDEN-HMK432B7155KM-T Datasheet
311Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
QMK212B7102MD-T TAIYO-YUDEN-QMK212B7102MD-T Datasheet
313Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
HMK432B7474KM-T TAIYO-YUDEN-HMK432B7474KM-T Datasheet
312Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
QMK432B7224KM-T TAIYO-YUDEN-QMK432B7224KM-T Datasheet
312Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
QMK432B7334MM-T TAIYO-YUDEN-QMK432B7334MM-T Datasheet
312Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
QMK432BJ334KM-T TAIYO-YUDEN-QMK432BJ334KM-T Datasheet
312Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
SMK316B7102MF-T TAIYO-YUDEN-SMK316B7102MF-T Datasheet
313Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
SMK316B7332MF-T TAIYO-YUDEN-SMK316B7332MF-T Datasheet
314Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com