Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER3020PT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # HER3020PT
Description  30.0 Ampere Dual SwitchMode Type High Efficiency Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

HER3020PT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  HER3020PT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. HER3020PT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
30.0
10
300
1.3
1.7
0.98
60
500
145
175
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 15.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Temperature Range
(1) Reverse recovery test conditions IF = 0 5A IR = 1 0A Irr = 0.25A.
(2) Thermal Resistance junction to terminal.
(3) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
.199(5.05)
.142(3.6)
.126(3.2)
.030(0.75)
.050(1.25)
.225(5.7)
.225(5.7)
.640(16.25)
.175(4.45)
.125(3.2)
.110(2.8)
.017(0.45)
.045(1.15)
.204(5.2)
.204(5.2)
.095(2.4)
.620(15.75)
TO-3P/TO-247AD
Unit: inch (mm)
HER3020PT
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory
Flammability Classification 94V0
Glass passivated chip junctions
Special for inverter/high power motor control
Low forward voltage, high current capability
Low thermal resistance
Low power loss, high efficiency
High temperature soldering guaranteed:
260
oC, 0.16”(4.06mm)from case for 10 seconds
Mechanical Data
Cases: TO-3P/TO-247AD molded plastic
Terminals: Pure tin plated, lead free solderable per
MIL-STD-750. Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 10in-lbs. Max.
Weight: 0.2 ounce, 5.6 gram approximately
Common Cathode
®
HER3020PT thru HER3060PT
Pb Free Plating Product
HER3020PT thru HER3060PT
30.0 Ampere Dual SwitchMode Type High Efficiency Rectifier Diodes
Pb
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
HER3040PT
HER3060PT
Positive
Suffix "PT"
Common Anode
Negative
Suffix "PA"
Series Connection
Doubler
Suffix "PD"
Rev.02
HER3020PA
HER3040PA
HER3060PA
HER3020PD
HER3040PD
HER3060PD
.
.
50


Similar Part No. - HER3020PT

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
HER302 DIOTECH-HER302 Datasheet
820Kb / 2P
   HIGH EFFICIENT SILICON RECTIFIER
logo
Mospec Semiconductor
HER302 MOSPEC-HER302 Datasheet
125Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
logo
Guangdong Juxing Electr...
HER302 JUXING-HER302 Datasheet
386Kb / 2P
   Ultra Fast Rectifiers
logo
Micro Commercial Compon...
HER302 MCC-HER302 Datasheet
292Kb / 3P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Leshan Radio Company
HER302 LRC-HER302 Datasheet
64Kb / 2P
   3A High Efficiency Diodes
More results

Similar Description - HER3020PT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER3003PT THINKISEMI-HER3003PT Datasheet
714Kb / 2P
   30.0 Ampere Dual Common Cathode High Efficiency Rectifier Diode
HER101 THINKISEMI-HER101 Datasheet
632Kb / 2P
   1.0 Ampere DIP Type High Efficiency Rectifier Diodes
HER3002PR THINKISEMI-HER3002PR Datasheet
274Kb / 2P
   30.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER3002PA THINKISEMI-HER3002PA Datasheet
274Kb / 2P
   30.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER3002PL THINKISEMI-HER3002PL Datasheet
275Kb / 2P
   30.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER3002PT THINKISEMI-HER3002PT Datasheet
297Kb / 2P
   30.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
B302P THINKISEMI-B302P Datasheet
214Kb / 2P
   30.0 Ampere Heatsink Block Automotive Rectifier Diodes
B302N THINKISEMI-B302N Datasheet
157Kb / 2P
   30.0 Ampere Heatsink Block Automotive Rectifier Diodes
MURF3020PTD THINKISEMI-MURF3020PTD Datasheet
691Kb / 2P
   30.0 Ampere Insulated Dual Doubler Ultra Fast Recovery Rectifier Diodes
RHRP30120U THINKISEMI-RHRP30120U Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Ultrafast Recovery Epitaxial Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com