Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECA1HHG010 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECA1HHG010
Description  Aluminum Electrolytic Capacitors/NHG
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1HHG010 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECA1HHG010 Datasheet HTML 1Page - Panasonic Semiconductor ECA1HHG010 Datasheet HTML 2Page - Panasonic Semiconductor ECA1HHG010 Datasheet HTML 3Page - Panasonic Semiconductor ECA1HHG010 Datasheet HTML 4Page - Panasonic Semiconductor ECA1HHG010 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Aluminum Electrolytic Capacitors/NHG
 EE93 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
200
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5mm, 7.5mm.
i=2.5mm.
The taping dimensions are explained on p.188 of our Catalog. Please use it as a reference guide.
(hours)
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mm)
(m A )
(V)
n
Lead Space
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
Lead Length
W.V.
Straight
Leads
Ripple
current
(120Hz)
(+105
°C)
Taping
∗B
Min.Packaging Q'ty
Straight
Standard Products
Taping
∗i
Part No.
33
8
11.5
130
0.08 1000
0.6
3.5
5.0
ECA2AHG330( )
200
1000
47
10
12.5
165
0.08 2000
0.6
5.0
5.0
ECA2AHG470( )
200
500
100
10
20
265
0.08 2000
0.6
5.0
5.0
ECA2AHG101( )
200
500
100
220
12.5
25
440
0.08 2000
0.6
5.0
5.0
ECA2AHG221( )
200
500
330
16
25
540
0.08 2000
0.8
7.5
7.5
ECA2AHG331( )
100
250
470
16
25
715
0.08 2000
0.8
7.5
7.5
ECA2AHG471( )
100
250
1000
18
35.5
985
0.08 2000
0.8
7.5
ECA2AHG102
50
1
6.3
11.2
17
0.15 2000
0.5
2.5
5.0
2.5
ECA2CHG010( )
200
2000
2.2
6.3
11.2
25
0.15 2000
0.5
2.5
5.0
2.5
ECA2CHG2R2( )
200
2000
3.3
6.3
11.2
36
0.15 2000
0.5
2.5
5.0
2.5
ECA2CHG3R3( )
200
2000
4.7
6.3
11.2
43
0.15 2000
0.5
2.5
5.0
2.5
ECA2CHG4R7( )
200
2000
10
10
12.5
70
0.15 2000
0.6
5.0
5.0
ECA2CHG100( )
200
500
160
22
10
20
130
0.15 2000
0.6
5.0
5.0
ECA2CHG220( )
200
500
33
10
20
180
0.15 2000
0.6
5.0
5.0
ECA2CHG330( )
200
500
47
12.5
20
220
0.15 2000
0.6
5.0
5.0
ECA2CHG470( )
200
500
100
16
25
335
0.15 2000
0.8
7.5
7.5
ECA2CHG101( )
100
250
220
16
31.5
540
0.15 2000
0.8
7.5
ECA2CHG221
100
330
18
31.5
705
0.15 2000
0.8
7.5
ECA2CHG331
50
1
6.3
11.2
17
0.15 2000
0.5
2.5
5.0
2.5
ECA2DHG010( )
200
2000
2.2
6.3
11.2
25
0.15 2000
0.5
2.5
5.0
2.5
ECA2DHG2R2( )
200
2000
3.3
6.3
11.2
36
0.15 2000
0.5
2.5
5.0
2.5
ECA2DHG3R3( )
200
2000
4.7
8
11.5
50
0.15 2000
0.6
3.5
5.0
ECA2DHG4R7( )
200
1000
10
10
16
80
0.15 2000
0.6
5.0
5.0
ECA2DHG100( )
200
500
22
10
20
140
0.15 2000
0.6
5.0
5.0
ECA2DHG220( )
200
500
33
12.5
20
190
0.15 2000
0.6
5.0
5.0
ECA2DHG330( )
200
500
47
12.5
20
220
0.15 2000
0.6
5.0
5.0
ECA2DHG470( )
200
500
100
16
25
335
0.15 2000
0.8
7.5
7.5
ECA2DHG101( )
100
250
220
18
31.5
575
0.15 2000
0.8
7.5
ECA2DHG221
50
1
6.3
11.2
17
0.15 2000
0.5
2.5
5.0
2.5
ECA2EHG010( )
200
2000
2.2
6.3
11.2
29
0.15 2000
0.5
2.5
5.0
2.5
ECA2EHG2R2( ) 200
2000
3.3
8
11.5
42
0.15 2000
0.6
3.5
5.0
ECA2EHG3R3( )
200
1000
4.7
8
11.5
50
0.15 2000
0.6
3.5
5.0
ECA2EHG4R7( )
200
1000
250
10
10
16
88
0.15 2000
0.6
5.0
5.0
ECA2EHG100( )
200
500
22
12.5
20
155
0.15 2000
0.6
5.0
5.0
ECA2EHG220( )
200
500
33
12.5
20
190
0.15 2000
0.6
5.0
5.0
ECA2EHG330( )
200
500
47
12.5
25
230
0.15 2000
0.6
5.0
5.0
ECA2EHG470( )
200
500
100
16
31.5
365
0.15 2000
0.8
7.5
ECA2EHG101
100
1
6.3
11.2
18
0.20 2000
0.5
2.5
5.0
2.5
ECA2VHG010( )
200
2000
2.2
8
11.5
31
0.20 2000
0.6
3.5
5.0
ECA2VHG2R2( )
200
1000
350
3.3
10
12.5
38
0.20 2000
0.6
5.0
5.0
ECA2VHG3R3( )
200
500
4.7
10
16
50
0.20 2000
0.6
5.0
5.0
ECA2VHG4R7( )
200
500
10
10
20
82
0.20 2000
0.6
5.0
5.0
ECA2VHG100( )
200
500
tan
δ
(120Hz)
(+20
°C)
Endu-
rance
Mar. 2005


Similar Part No. - ECA1HHG010

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1HHG010 PANASONIC-ECA1HHG010 Datasheet
317Kb / 5P
   Radial Lead Type
ECA1HHG010 PANASONIC-ECA1HHG010 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1HHG010 PANASONIC-ECA1HHG010 Datasheet
317Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1HHG010 PANASONIC-ECA1HHG010 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1HHG010 PANASONIC-ECA1HHG010 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
More results

Similar Description - ECA1HHG010

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1EHG331 PANASONIC-ECA-1EHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG331 PANASONIC-ECA-1JHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-2AHG101 PANASONIC-ECA-2AHG101 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1HHG100 PANASONIC-ECA-1HHG100 Datasheet
81Kb / 5P
   Aluminum Electrolytic Capacitors/NHG
ECA-1VHG222B PANASONIC-ECA-1VHG222B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG471B PANASONIC-ECA-1JHG471B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1VHG222 PANASONIC-ECA-1VHG222 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-0JHG332 PANASONIC-ECA-0JHG332 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG221 PANASONIC-ECA-1JHG221 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA0JHG221 PANASONIC-ECA0JHG221_13 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
ECA-2AHG471B PANASONIC-ECA-2AHG471B Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com