Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6264 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA6264
Description  One Programmable/Adjustable Boost Converter
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6264 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA6264_14 Datasheet HTML 1Page - ATMEL Corporation ATA6264_14 Datasheet HTML 2Page - ATMEL Corporation ATA6264_14 Datasheet HTML 3Page - ATMEL Corporation ATA6264_14 Datasheet HTML 4Page - ATMEL Corporation ATA6264_14 Datasheet HTML 5Page - ATMEL Corporation ATA6264_14 Datasheet HTML 6Page - ATMEL Corporation ATA6264_14 Datasheet HTML 7Page - ATMEL Corporation ATA6264_14 Datasheet HTML 8Page - ATMEL Corporation ATA6264_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
Features
Maximum Supply Voltage 40V
One Programmable/Adjustable Boost Converter
Two Programmable Buck Converters
One Programmable Linear Regulator
OTP Customer Mode
16-bit Serial Interface
Two ISO9141 Interfaces (One Interface Programmable to LIN Functionality)
Watchdog
Various Diagnosis Functions
5 Voltage Sources Tailored to Resistor Measurement
Charge Pump
Small, 44-pin Package
ESD Protection Against 2kV and 4kV
1.
Description
With the introduction of the ATA6264, Atmel
® introduces a new generation of airbag
power supplies for future airbag systems tailored to the needs of the automotive
industry. It is designed in Atmel’s 0.8 micron BCDMOS technology. ATA6264 contains
all the necessary blocks to supply the microcontroller, the firing capacitors, and
peripheral components of the airbag system. The power supply specifically fulfills the
power requirements of dual-voltage microcontrollers used in modern ECUs. The inte-
grated watchdog and diagnosis blocks additionally support the safety aspects. The
8-MHz 16-bit SPI enables a high communication speed. Despite the high-level func-
tionality, ATA6264 comes in a space-saving QFP44 package.
Airbag Power
Supply IC
ATA6264
Preliminary
4929B–AUTO–01/07


Similar Part No. - ATA6264_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
   Airbag Power Supply IC
More results

Similar Description - ATA6264_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
   42V, DC-DC Boost Converter with adjustable Softstart
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
   TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Zetex Semiconductors
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com